Electronic Components Datasheet Search
  English  ▼

X  

PE4400 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4400
Description  SMA Male Connector Clamp/Solder Attachment For RG188-DS, RG316-DS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4400 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4400 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4400 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4400 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
SMA Male Connector Clamp/Solder Attachment
For RG188-DS, RG316-DS
SMA Male Connector Clamp/Solder Attachment For RG188-DS, RG316-DS
Configuration
Connector
SMA Male
Connector Specification
MIL-STD-348A
Connector Interface Type
RG188-DS,RG316-DS
Cable Attachment Method (Shield/Contact)
Clamp/Solder
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 12.4
Impedance, Ohms
50
Maximum Operating Voltage, Volts
335
Dielectric Withstanding Voltage, Vrms
750
Frequency 1
Frequency, GHz
DC to 6
VSWR
1.3:1
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
0.74 [18.8]
Width/Dia., in [mm]
0.313 [8]
.
Weight, lbs [g]
0.013 [5.9]
Connector
Type
SMA Male
Contact Material and Plating
Brass, Gold
Contact Plating Specification
50µ in. minimum
Coupling Nut Material and Plating
Brass, Nickel
Coupling Nut Plating Specification
100µ in. minimum
Hex Size, in.
5/16
Torque, in-lbs [Nm]
5 [0.57]
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male Connector Clamp/Solder Attachment For RG188-DS, RG316-DS PE4400
PE4400
PE4400 REV


Similar Part No. - PE4400

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4400 PASTERNACK-PE4400 Datasheet
357Kb / 3P
SMA Male Connector Clamp/Solder Attachment
PE44000 PASTERNACK-PE44000 Datasheet
238Kb / 2P
SMA Female Connector Field Replaceable Attachment 4 Hole Flange 0.012 inch Pin, .375 inch Flange Size
PE44001 PASTERNACK-PE44001 Datasheet
207Kb / 3P
SMA Female Connector Field Replaceable Attachment 4 Hole Flange 0.015 inch Pin, .375 inch Flange Size
PE44002 PASTERNACK-PE44002 Datasheet
201Kb / 2P
SMA Female Connector Field Replaceable Attachment
PE44003 PASTERNACK-PE44003 Datasheet
208Kb / 3P
SMA Female Connector Field Replaceable Attachment 4 Hole Flange 0.020 inch Pin, .375 inch Flange Size
More results

Similar Description - PE4400

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4399 PASTERNACK-PE4399 Datasheet
294Kb / 2P
SMA Male Connector Clamp/Solder Attachment For RG188-DS, RG316-DS
PE4417 PASTERNACK-PE4417 Datasheet
111Kb / 1P
SMA FEMALE SOLDER ATTACHMENT FOR RG188-DS & RG316-DS
PE4424 PASTERNACK-PE4424 Datasheet
119Kb / 1P
SMA FEMALE BULKHEAD CLAMP ATTACHMENT FOR RG188-DS &RG316-DS`
PE4426 PASTERNACK-PE4426 Datasheet
115Kb / 1P
SMA FEMALE BULKHEAD SOLDER ATTACHMENT FOR RG188-DS & RG316-DS
PE45160 PASTERNACK-PE45160 Datasheet
404Kb / 3P
N Male Right Angle Connector Clamp - Solder Attachment for RG188-DS, RG316-DS
PE4401 PASTERNACK-PE4401 Datasheet
263Kb / 3P
SMA Male Connector Crimp - Solder Attachment For RG188-DS, RG316-DS
PE4402 PASTERNACK-PE4402 Datasheet
259Kb / 3P
SMA Male Connector Solder Attachment For RG188-DS, RG316-DS
PE4407 PASTERNACK-PE4407 Datasheet
228Kb / 3P
SMA Male Right Angle Connector Clamp - Solder Attachment For RG188-DS, RG316-DS
PE4415 PASTERNACK-PE4415 Datasheet
207Kb / 2P
SMA Female Connector Clamp - Solder Attachment For RG188-DS, RG316-DS
PE45183 PASTERNACK-PE45183 Datasheet
342Kb / 3P
Reverse Polarity SMA Male Connector Crimp - Solder Attachment for RG188-DS, RG316-DS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com