Electronic Components Datasheet Search
  English  ▼

X  

SPI350MB Datasheet(PDF) 1 Page - Sparkle Power Inc.

Part # SPI350MB
Description  330/350 Watts SFX12V Switching Power Supply
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPI [Sparkle Power Inc.]
Direct Link  http://www.sparklepower.com
Logo SPI - Sparkle Power Inc.

SPI350MB Datasheet(HTML) 1 Page - Sparkle Power Inc.

  SPI350MB Datasheet HTML 1Page - Sparkle Power Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Input Characteristics
Input Range: 90 ~ 265Vac , Full Range Input
Frequency: 47 ~ 63Hz
Input Current: Max 6A@ 115Vac, 3A @ 230Vac
Inrush Current: 80A @ 115Vac, 120A @ 230Vac at cold start
Sparkle Power Inc.
A Leading Power Supply Manufacturer
Web site: www.sparklepower.com
Specification
• Temperature Range: Operating 0° C ~ +50° C on 330W
output load or ,0° C ~ +35° C on 350W output load ; storage
& shipping -20° C ~ +80° C
• Humidity: 85% on operating, 95% on storage
• Dielectric Withstand: Primary frame ground 1800V AC for
1 second
• Efficiency: 80% minimum, typical up to 87%
• Rise time: Less than 20ms
• Hold-up Time: 17ms minimum at nominal input voltage
• Power Good Signal: Power on delay time 100 ~ 500ms, off
delay 1ms minimum (TTL and CMOS compatible)
• Leakage Current: Less than 3.5mA at 264Vac, 50Hz
• MTBF: 100,000 hours on maximum load at +25°C
• Dimensions (LxWxH): 125x100x68.3mm/5x4x2.7inch
Output Characteristics
Output Voltage
Minimum Load
Normal Load
Maximum Load
Load Reg.
Ripple & Noise
+3.3V
0.3A
10A
20A
± 5%
50mV P-P
+5V
0.5A
10A
20A
± 5%
50mV P-P
+12V1
0.5A
6A
12A
± 5%
120mV P-P
+12V2
0.5A
8A
16A
± 5%
120mV P-P
-12V
0.0A
0.25A
0.5A
± 10%
120mV P-P
+5Vsb
0.0A
1.25A
2.5A
± 5%
50mV P-P
*330W (50°C): +3.3V and +5V total output not exceed 150W,+3.3V, +5V, and +12V total output cannot exceed 312W.
Total output for this subject power supply is 330W(50°C)
*350W (35°C): +3.3V and +5V total output not exceed 150W ,+3.3V, +5V, and +12V total output cannot exceed 332W .
Total output for this subject power supply is 350W(35°C)
SPI350MB
(80PLUS, RoHS Compliant)
330/350 Watts SFX12V Switching Power Supply
Sparkle Power Inc.
Main Office
1000 Rock Avenue
San Jose, CA 95131
TEL: 408-519-8888
FAX: 408-519-9999
E-MAIL: info@sparklepower.com
Sparkle Power Inc.
Los Angeles Office
17071 Green Drive
City of Industry, CA 91745
TEL: 626-839-7180
FAX: 626-839-3395
Features
• Complied with SFX12V standard
• Active Power Factor Correction (PFC) meet EN61000-3-2
• High efficiency and reliability
• Compatible with European Union Directive 2002/95/EC
(Restriction on Hazardous Substances).
• Remote ON/OFF function
• Internal 12V DC fan included
• Low noise and ripple
• Output over voltage, short circuit, and over current protection
• 100% Hi-pot, ATE, and burn-in tested
• Re-settable power shut down
• Complies with FCC part 15 subpart J class B 115Vac operation,
and CISPR 22 class B at 230Vac operation
• Approved by UL,CSA22.2 NO or CUL 60950-1, TUV or VDE,
EMC,FCC ,CE, CB report


Similar Part No. - SPI350MB

ManufacturerPart #DatasheetDescription
logo
Sparkle Power Inc.
SPI3501UH SPI-SPI3501UH Datasheet
38Kb / 1P
350 Watts EPS12V 1U Switching Power Supply
SPI350ACA8 SPI-SPI350ACA8 Datasheet
408Kb / 1P
350 Watts, ATX Switching Power Supply
SPI350ACAG SPI-SPI350ACAG Datasheet
768Kb / 2P
350 Watts ATX12V 2.3 Switching Power Supply Meet 2010 ErP
SPI350ACH8 SPI-SPI350ACH8 Datasheet
438Kb / 1P
Complied with ATX12V standard
SPI350GLN SPI-SPI350GLN Datasheet
57Kb / 1P
350 Watts ATX12V 2.2 Switching Power Supply
More results

Similar Description - SPI350MB

ManufacturerPart #DatasheetDescription
logo
Sparkle Power Inc.
FSP180-50NIV SPI-FSP180-50NIV Datasheet
100Kb / 1P
180 Watts SFX12V Switching Power Supply
FSP180-51NIV SPI-FSP180-51NIV Datasheet
139Kb / 1P
180 Watts SFX12V Switching Power Supply
FSP200-50NIV SPI-FSP200-50NIV Datasheet
100Kb / 1P
200 Watts SFX12V Medical Grade Switching Power Supply
FSP200-50SNV SPI-FSP200-50SNV Datasheet
72Kb / 1P
200 Watts SFX12V Switching Power Supply
FSP300-60GLS SPI-FSP300-60GLS Datasheet
542Kb / 2P
300 Watts SFX12V Switching Power Supply
FSP300-60GNV SPI-FSP300-60GNV Datasheet
70Kb / 1P
300 Watts SFX12V Switching Power Supply
FSP350-60BT SPI-FSP350-60BT Datasheet
141Kb / 1P
350 Watts ATX12V Switching Power Supply
FSP350-60GNV SPI-FSP350-60GNV Datasheet
332Kb / 2P
350 Watts SFX12V Switching Power Supply
FSP350-60PN SPI-FSP350-60PN Datasheet
76Kb / 1P
350 Watts ATX12V Switching Power Supply
SPI300GLS SPI-SPI300GLS Datasheet
329Kb / 1P
300 Watts SFX12V Switching Power Supply
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com