Electronic Components Datasheet Search
  English  ▼

X  

PE44007 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44007
Description  SMA Male Connector Field Replaceable Attachment 4 Hole Flange 0.018 inch Pin, .375 inch Flange Size
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44007 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44007 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44007 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44007 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
SMA Male Connector Field Replaceable Attachment 4 Hole Flange 0.018 inch Pin, .375 inch Flange Size
Configuration
Connector
SMA Male
Connector Interface Type
0.018 inch Pin
Cable Attachment Method (Shield/Contact)
Field Replaceable
Body Style
Straight
Mount Method
4 Hole Flange
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
0.5 [12.7]
Width/Dia., in [mm]
0.375 [9.53]
Height, in [mm]
0.375 [9.53]
.
Weight, lbs [g]
0.006 [2.72]
Connector
Type
SMA Male
Contact Material and Plating
Gold
Coupling Nut Material and Plating
Brass, Nickel
Hex Size, in.
5/16
Torque, in-lbs [Nm]
5 [0.57]
Body Material and Plating
Passivated Stainless Steel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male Connector Field Replaceable Attachment 4 Hole Flange 0.018 inch Pin, .375 inch
Flange Size PE44007
PE44007
PE44007 REV
SMA Male Connector Field Replaceable Attachment
4 Hole Flange 0.018 inch Pin, .375 inch Flange Size


Similar Part No. - PE44007

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4400 PASTERNACK-PE4400 Datasheet
274Kb / 3P
SMA Male Connector Clamp/Solder Attachment For RG188-DS, RG316-DS
PE4400 PASTERNACK-PE4400 Datasheet
357Kb / 3P
SMA Male Connector Clamp/Solder Attachment
PE44000 PASTERNACK-PE44000 Datasheet
238Kb / 2P
SMA Female Connector Field Replaceable Attachment 4 Hole Flange 0.012 inch Pin, .375 inch Flange Size
PE44001 PASTERNACK-PE44001 Datasheet
207Kb / 3P
SMA Female Connector Field Replaceable Attachment 4 Hole Flange 0.015 inch Pin, .375 inch Flange Size
PE44002 PASTERNACK-PE44002 Datasheet
201Kb / 2P
SMA Female Connector Field Replaceable Attachment
More results

Similar Description - PE44007

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44005 PASTERNACK-PE44005 Datasheet
243Kb / 3P
SMA Male Connector Field Replaceable Attachment 4 Hole Flange 0.012 inch Pin, .375 inch Flange Size
PE44014 PASTERNACK-PE44014 Datasheet
220Kb / 3P
SMA Female Connector Field Replaceable Attachment 4 Hole Flange 0.012 inch Pin, .375 inch Flange Size
PE44018 PASTERNACK-PE44018 Datasheet
244Kb / 3P
SMA Male Connector Field Replaceable Attachment 4 Hole Flange 0.012 inch Pin, .375 inch Flange Size
PE44027 PASTERNACK-PE44027 Datasheet
220Kb / 3P
SMA Female Connector Field Replaceable Attachment 4 Hole Flange 0.012 inch Pin, .375 inch Flange Size
PE44006 PASTERNACK-PE44006 Datasheet
246Kb / 3P
SMA Male Connector Field Replaceable Attachment 4 Hole Flange 0.015 inch Pin, .375 inch Flange Size
PE44008 PASTERNACK-PE44008 Datasheet
245Kb / 3P
SMA Male Connector Field Replaceable Attachment 4 Hole Flange 0.020 inch Pin, .375 inch Flange Size
PE44001 PASTERNACK-PE44001 Datasheet
207Kb / 3P
SMA Female Connector Field Replaceable Attachment 4 Hole Flange 0.015 inch Pin, .375 inch Flange Size
PE44003 PASTERNACK-PE44003 Datasheet
208Kb / 3P
SMA Female Connector Field Replaceable Attachment 4 Hole Flange 0.020 inch Pin, .375 inch Flange Size
PE44020 PASTERNACK-PE44020 Datasheet
209Kb / 3P
SMA Male Connector Field Replaceable Attachment 4 Hole Flange 0.018 inch Pin, .500 inch Flange Size
PE44009 PASTERNACK-PE44009 Datasheet
211Kb / 3P
SMA Male Connector Field Replaceable Attachment 4 Hole Flange 0.036 inch Pin, .375 inch Flange Size
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com