Electronic Components Datasheet Search
  English  ▼

X  

ARX4404 Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # ARX4404
Description  ARX4404 & 4407 Transceivers for MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ARX4404 Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  ARX4404 Datasheet HTML 1Page - Aeroflex Circuit Technology ARX4404 Datasheet HTML 2Page - Aeroflex Circuit Technology ARX4404 Datasheet HTML 3Page - Aeroflex Circuit Technology ARX4404 Datasheet HTML 4Page - Aeroflex Circuit Technology ARX4404 Datasheet HTML 5Page - Aeroflex Circuit Technology ARX4404 Datasheet HTML 6Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CIRCUIT TECHNOLOGY
www.aeroflex.com/act1.htm
EROFLEX CIRCUIT TECHNOLOGY- Data Bus Modules for the Future ©SCD4404 REV D 10/27/99
Features
• ARX4404 Transceiver meets MIL-STD-1553A & B,
Macair A3818, A4905, A5232 and A5690 specs
• ARX4407 Transceiver meets MIL-STD-1553 specs
• Bipolar Supply ±15V to ±12V, Logic Supply +5V
• Direct replacement for CT3231 and CT3232
• Voltage source output for higher bus drive power
• Plug-in, flat package or low profile flat package
• Monolithic construction using linear ASICs
• Variable receiver threshold capability
• Low receiver data level versions, ARX4440, 4467
• Processed and screened to MIL-STD-883 specs
• DESC SMD (Standard Military Drawing)
• MIL-PRF-38534 Compliant Devices Available
General Description
The
Aeroflex
Laboratories
transceiver models ARX4404 and
ARX4407
are
new
generation
monolithic transceivers which provide
full
compliance
with
Macair
and
MIL-STD-1553
data
bus
requirements
The model ARX4404 and model
ARX4407
perform
the
front-end
analog
function
of
inputting
and
outputting data through a transformer
to a MIL-STD-1553 or Macair data
bus.
The
ARX4404
can
be
considered a "Universal" Transceiver
in
that
it
is
compatible
with
MIL-STD-1553A, B, Macair A-3818,
A-4905, A-5232 and A-5690. The
ARX4407
is
compatible
with
MIL-STD-1553A and B.
Design
of
these
transceivers
reflects particular attention to active
filter performance.This results in low
bit and word error rate with superior
waveform purity and minimal zero
crossover distortion. The ARX4404
series
active
filter
design
has
additional high frequency roll-off to
provide
the
required
Macair
low
harmonic distortion waveform without
increasing
the
pulse
delay
characteristics significantly.
Efficient transmitter electrical and
thermal design provides low internal
power dissipation and heat rise at
high and well as low duty cycles.
An optional receiver input threshold
adjustment can be accomplished by
the
use
of
the
"Set
Internal
Threshold" terminals.
Transmitter
The Transmitter section accepts
bi-phase TTL data at the input and
when coupled to the data bus with a
ARX4404FP/4404 Transceivers
Block Diagram (without Transformer)
SHAPING
OUTPUT
STAGE
COMP.
COMP.
ACTIVE
FILTER
INPUT
AMP
DRIVER
TX DATA IN
TX DATA IN
TX INHIBIT
+5 V
RX DATA IN
RX DATA IN
STROBE
TX DATA OUT
TX DATA OUT
RX DATA OUT
RX DATA OUT
-12V or -15V
EX THRESHOLD
DATA
SET INTERNAL
DATA
DATA
EX THRESHOLD
DATA
+15V or +12V
V+
V-
THRESHOLD
ARX4404 & 4407 Transceivers for
MACAIR A3818, A5690, A5232, A4905
& MIL-STD-1553


Similar Part No. - ARX4404

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ARX4417 AEROFLEX-ARX4417 Datasheet
85Kb / 6P
ARX 4418 & 4417 Variable Amplitude Transceivers for MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553
ARX4417-FP AEROFLEX-ARX4417-FP Datasheet
85Kb / 6P
ARX 4418 & 4417 Variable Amplitude Transceivers for MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553
ARX4417-LPFP AEROFLEX-ARX4417-LPFP Datasheet
85Kb / 6P
ARX 4418 & 4417 Variable Amplitude Transceivers for MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553
ARX4418 AEROFLEX-ARX4418 Datasheet
85Kb / 6P
ARX 4418 & 4417 Variable Amplitude Transceivers for MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553
ARX4418-FP AEROFLEX-ARX4418-FP Datasheet
85Kb / 6P
ARX 4418 & 4417 Variable Amplitude Transceivers for MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553
More results

Similar Description - ARX4404

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT4418 AEROFLEX-ACT4418 Datasheet
75Kb / 7P
ACT4418 Molded Dual Variable Amplitude Transceivers for MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553
ACT4454 AEROFLEX-ACT4454 Datasheet
173Kb / 8P
ACT 4454 / 4460 Single Supply Transceivers for MIL-STD-1553A/B & MacAir A3818, A4905, A5232 & A5690
ACT4808 AEROFLEX-ACT4808 Datasheet
106Kb / 8P
ACT4808 DUAL TRANSCEIVERS FOR MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553
ARX4418 AEROFLEX-ARX4418 Datasheet
85Kb / 6P
ARX 4418 & 4417 Variable Amplitude Transceivers for MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553
ARX4808 AEROFLEX-ARX4808 Datasheet
141Kb / 6P
VARX4808 Dual Transceivers for MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553
ARX4810 AEROFLEX-ARX4810 Datasheet
91Kb / 6P
ARX4810 & 4810FP Universal Dual Transceivers for MIL-STD-1553 & MACAIR A3818, A5690, A5232 & A4905
CT3232 AEROFLEX-CT3232 Datasheet
103Kb / 8P
Low Power Driver /Receiver For MIL-STD-1553 & Macair
ACT4404N AEROFLEX-ACT4404N Datasheet
165Kb / 8P
Single Transceiver for MACAIR (A3818, A4905, A5232, A5690), MIL-STD-1553 & SAE-AS15531
ACT4404N AEROFLEX-ACT4404N_07 Datasheet
165Kb / 9P
Single Transceiver for MACAIR (A3818, A4905, A5232, A5690), MIL-STD-1553 & SAE-AS15531
ACT4808N AEROFLEX-ACT4808N Datasheet
142Kb / 9P
Dual Transceivers for MACAIR (A3818, A4905, A5232, A5690) and MIL-STD-1553A/B
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com