Electronic Components Datasheet Search
  English  ▼

X  

ARX4417 Datasheet(PDF) 2 Page - Aeroflex Circuit Technology

Part # ARX4417
Description  ARX 4418 & 4417 Variable Amplitude Transceivers for MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ARX4417 Datasheet(HTML) 2 Page - Aeroflex Circuit Technology

  ARX4417 Datasheet HTML 1Page - Aeroflex Circuit Technology ARX4417 Datasheet HTML 2Page - Aeroflex Circuit Technology ARX4417 Datasheet HTML 3Page - Aeroflex Circuit Technology ARX4417 Datasheet HTML 4Page - Aeroflex Circuit Technology ARX4417 Datasheet HTML 5Page - Aeroflex Circuit Technology ARX4417 Datasheet HTML 6Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Aeroflex Circuit Technology
SCD4418 REV B 10/18/99 Plainview NY (516) 694-6700
2
Transmitter
The Transmitter section accepts
bi-phase TTL data at the input and
when coupled to the data bus with a
1:1 transformer, isolated on the data
bus side with two 52.5 Ohm fault
isolation resistors, and loaded by
two
70
Ohm
terminations
plus
additional receivers, the data bus
signal
produced
is
7.0
volts
minimum
P-P
at
A-A’.
(See
Figure 5.) When both DATA and
DATA inputs are held low or high,
the transmitter output becomes a
high impedance and is “removed”
from
the
line.
In
addition,
an
overriding “INHIBIT" input provides
for the removal of the transmitter
output from the line. A logic “1”
applied
to
the
“INHIBIT”
takes
priority over the condition of the data
inputs and disables the transmitter.
(See Transmitter Logic Waveforms,
Figure 1.)
The transmitter utilizes an active
filter to suppress harmonics above
1MHz to meet Macair specifications
A-3818,
A-4905,
A-5232
and
A-5690. The transmitter may be
safely operated for an indefinite
period at 100% duty cycle into a
data bus short circuit.
Receiver
The
Receiver
section
accepts
bi-phase differential data at the input
and produces two TTL signals at the
output. The outputs are DATA and
DATA, and represent positive and
negative excursions of the input
beyond a pre-determined threshold.
(See Receiver Logic Waveforms,
Figure 2.)
The internal threshold is nominally
set to detect data bus signals
exceeding 1.05 Volts P-P and reject
signals less than 0.6 volts P-P when
used
with
a
1:1
turns
ratio
transformer.
(See
Figure
5
for
transformer
data
and
typical
connection.) This threshold setting
can
be
held
by
grounding
the
appropriate pins or modified with the
use of external resistors.
A low level at the Strobe input
inhibits the DATA and DATA outputs.
If unused, a 2K pull-up to +5 Volts is
recommended.
DATA IN
DATA IN
INHIBIT
LINE TO LINE
OUTPUT
NOTES:
2. DATA and DATA inputs must be complementary waveforms or 50% duty cycle average, with no delays between them.
3. DATA and DATA must be in the same state during off time (both high or low).
Figure 1 – Transmitter Logic Waveforms
Figure 2 – Receiver Logic Waveforms
Note overlap
NOTE: Waveforms shown are for normally low devices. For normally high receiver output
devices, the receiver outputs are swapped as shown by the dashed lines
level
LINE TO LINE
INPUT
DATA OUT
DATA OUT
1. Line to line waveforms illustrate Macair signals, MIL-STD-1553 signals are trapezoidal



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com