Electronic Components Datasheet Search
  English  ▼

X  

PE4066 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4066
Description  TNC Female Connector Clamp/Solder Attachment 4 Hole Flange For RG58, RG55, RG141, RG142 RG223, RG400, .500 inch Threaded Hole Spacing
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4066 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4066 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4066 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
TNC Female Connector Clamp/Solder Attachment 4 Hole Flange For RG58, RG55, RG141, RG142,
RG223, RG400, .500 inch Threaded Hole Spacing
Configuration
Connector
TNC Female
Connector Interface Type
RG58,RG55,RG141,RG142,RG223,RG400
Cable Attachment Method (Shield/Contact)
Clamp/Solder
Body Style
Straight
Mount Method
4 Hole Flange
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
1.14 [28.96]
Width/Dia., in [mm]
0.687 [17.45]
Height, in [mm]
0.687 [17.45]
.
Weight, lbs [g]
0.041 [18.6]
Connector
Type
TNC Female
Contact Material and Plating
Gold
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
TNC Female Connector Clamp/Solder Attachment 4 Hole Flange For RG58, RG55, RG141, RG142, RG223, RG400, .500
inch Threaded Hole Spacing from Pasternack Enterprises has same day shipment for domestic and International orders. Our
RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: TNC Female Connector Clamp/Solder Attachment 4 Hole Flange For RG58, RG55, RG141,
RG142, RG223, RG400, .500 inch Threaded Hole Spacing PE4066
URL: http://www.pasternack.com/tnc-female-standard-rg58-rg55-rg141-rg142-rg223-rg400-connector-pe4066-p.aspx
PE4066
PE4066 REV
TNC Female Connector Clamp/Solder Attachment
4 Hole Flange For RG58, RG55, RG141, RG142,
RG223, RG400, .500 inch Threaded Hole Spacing


Similar Part No. - PE4066

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4060 PASTERNACK-PE4060 Datasheet
327Kb / 2P
N Female Connector Clamp/Solder (Captive Contact) Attachment 4 Hole Flange For RG213, RG214, RG8, RG9, RG11, RG225, RG393, .718 inch Hole Sp
logo
SHENZHEN DOINGTER SEMIC...
PE4060K DOINGTER-PE4060K Datasheet
2Mb / 5P
N-Channel MOSFET uses advanced trench technology
logo
Pasternack Enterprises,...
PE4061 PASTERNACK-PE4061 Datasheet
308Kb / 2P
N Female Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG11, RG225, RG393
PE4061 PASTERNACK-PE4061 Datasheet
405Kb / 3P
N Female Connector Clamp/Solder Attachment
PE4061 PASTERNACK-PE4061_16 Datasheet
405Kb / 3P
N Female Connector Clamp/Solder Attachment
More results

Similar Description - PE4066

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4072 PASTERNACK-PE4072 Datasheet
306Kb / 2P
N Female Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE4969 PASTERNACK-PE4969 Datasheet
280Kb / 3P
C Female Connector Clamp/Solder Attachment 4 Hole Flange For RG58, RG55, RG141, RG142,RG223, RG400, .718 inch Hole Spacing
PE4056 PASTERNACK-PE4056 Datasheet
262Kb / 2P
BNC Female Connector Clamp/Solder Attachment 4 Hole Flange For RG58, RG55, RG141, RG142 RG223, RG400, .500 inch Threaded Hole Spacing
PE4067 PASTERNACK-PE4067 Datasheet
315Kb / 2P
TNC Male Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE4313 PASTERNACK-PE4313 Datasheet
231Kb / 3P
MHV Female Connector Clamp/Solder Attachment 4 Hole Flange For RG55, RG58, RG141, RG142 RG223, RG400, .500 inch Threaded Hole Spacing
PE4035 PASTERNACK-PE4035 Datasheet
583Kb / 2P
SMA Female Connector Clamp/Solder Attachment 4 Hole Flange For RG58, RG55, RG141, RG142, RG223, RG400, .340 inch Hole Spacing
PE4152 PASTERNACK-PE4152 Datasheet
317Kb / 2P
TNC Female Bulkhead Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400, .480 inch D Hole
PE4684 PASTERNACK-PE4684 Datasheet
233Kb / 2P
RP TNC Female Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE4765 PASTERNACK-PE4765 Datasheet
283Kb / 3P
RP BNC Female Connector Clamp/Solder Attachment 4 Hole Flange For RG55, RG58, RG141, RG142,RG223, RG400, .500 inch Threaded Hole Spacing
PE4068 PASTERNACK-PE4068 Datasheet
300Kb / 2P
TNC Female Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com