Electronic Components Datasheet Search
  English  ▼

X  

PE4074 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4074
Description  SMC Plug Connector Crimp/Solder Attachment For RG178, RG196
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4074 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4074 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4074 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
SMC Plug Connector Crimp/Solder
Attachment For RG178, RG196
SMC Plug Connector Crimp/Solder Attachment For RG178, RG196
Configuration
Connector
SMC Plug
Connector Specification
MIL-STD-348A
Connector Interface Type
RG178,RG196
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
0.85 [21.59]
Width/Dia., in [mm]
0.25 [6]
.
Weight, lbs [g]
0.006 [2.72]
Connector
Type
SMC Plug
Contact Material and Plating
Beryllium Copper, Gold
Contact Plating Specification
30µ in. minimum
Coupling Nut Material and Plating
Brass, Nickel
Coupling Nut Plating Specification
100µ in. minimum
Hex Size, in
1/4
Torque, in-lbs [Nm]
5 [0.57]
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/smc-plug-standard-rg178-rg196-connector-pe4074-p.aspx
SMC Plug Connector Crimp/Solder Attachment For RG178, RG196 from Pasternack Enterprises has same day shipment for
domestic and International orders. We maintain 99% availability of the industry’s broadest selection of RF, microwave and
fiber optic products.
PE4074
PE4074 REV


Similar Part No. - PE4074

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4074 PASTERNACK-PE4074 Datasheet
399Kb / 3P
SMC Plug Connector Crimp/Solder Attachment
PE4074 PASTERNACK-PE4074_16 Datasheet
399Kb / 3P
SMC Plug Connector Crimp/Solder Attachment
More results

Similar Description - PE4074

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4202 PASTERNACK-PE4202 Datasheet
260Kb / 1P
SMC PLUG CONNECTOR CLAMP/SOLDER ATTACHMENT FOR RG178,RG196
PE4897 PASTERNACK-PE4897 Datasheet
306Kb / 3P
MMCX Plug Connector Crimp/Solder Attachment For RG178, RG196
PE4927 PASTERNACK-PE4927 Datasheet
282Kb / 2P
SMC Jack Connector Crimp/Solder Attachment For RG178, RG196
PE4080 PASTERNACK-PE4080 Datasheet
305Kb / 2P
SMB Plug Connector Crimp/Solder Attachment For RG178, RG196
PE4160 PASTERNACK-PE4160 Datasheet
282Kb / 2P
SMC Plug Right Angle Connector Crimp/ Solder Attachment For RG178, RG196
PE4365 PASTERNACK-PE4365 Datasheet
223Kb / 2P
SMC Jack Bulkhead Connector Crimp/Solder Attachment For RG178, RG196
PE4552 PASTERNACK-PE4552 Datasheet
221Kb / 3P
MCX Plug Connector Crimp-Solder Attachment For RG178, RG196
PE44310 PASTERNACK-PE44310 Datasheet
207Kb / 2P
MC-Card Plug Connector Crimp-Solder Attachment For RG178, RG196
PE4019 PASTERNACK-PE4019 Datasheet
221Kb / 3P
SSMB Plug Connector Crimp - Solder Attachment For RG178, RG196
PE45367 PASTERNACK-PE45367 Datasheet
385Kb / 5P
SSMC Plug Connector Crimp/Solder Attachment for RG178, RG196
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com