Electronic Components Datasheet Search
  English  ▼

X  

PE4075 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4075
Description  MHV Male Connector Crimp/Solder Attachment For RG59, RG62
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4075 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4075 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4075 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4075 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
MHV Male Connector Crimp/Solder Attachment For RG59, RG62
MHV Male Connector Crimp/Solder Attachment For RG59, RG62
Configuration
Connector
MHV Male
Connector Specification
MIL-STD-348A
Connector Interface Type
RG59,RG62
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Electrical Specifications
Frequency Range, MHz
DC to 300
Impedance, Ohms
50
Maximum VSWR
1.3:1
Maximum Operating Voltage, Volts
500
Dielectric Withstanding Voltage, Vrms
1,500
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
1.51 [38.35]
Width/Dia., in [mm]
0.57 [14]
Weight, lbs [g]
0.027 [12.25]
Connector
Type
MHV Male
Contact Material and Plating
Brass, Gold
Contact Plating Specification
30µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: MHV Male Connector Crimp/Solder Attachment For RG59, RG62 PE4075
PE4075
PE4075 REV


Similar Part No. - PE4075

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4075 PASTERNACK-PE4075 Datasheet
363Kb / 3P
MHV Male Connector Crimp/Solder Attachment
PE4075 PASTERNACK-PE4075_17 Datasheet
363Kb / 3P
MHV Male Connector Crimp/Solder Attachment
More results

Similar Description - PE4075

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4432 PASTERNACK-PE4432 Datasheet
242Kb / 2P
N Male Connector Crimp/Solder Attachment For RG59, RG62
PE44110 PASTERNACK-PE44110 Datasheet
271Kb / 3P
MHV Female Bulkhead Connector Crimp/Solder Attachment For RG59, RG62
PE4071 PASTERNACK-PE4071 Datasheet
251Kb / 2P
TNC Male Connector Crimp/Solder Attachment For RG59, RG62
PE4227 PASTERNACK-PE4227 Datasheet
317Kb / 2P
MHV Male Right Angle Connector Clamp/Solder Attachment For RG59, RG62
PE4330 PASTERNACK-PE4330 Datasheet
317Kb / 2P
N Male Connector Crimp/Solder Attachment For RG59,RG62
PE4073 PASTERNACK-PE4073 Datasheet
207Kb / 2P
UHF Male Connector Crimp/Solder Attachment For RG59, RG62
PE4294 PASTERNACK-PE4294 Datasheet
241Kb / 2P
SMA Male Connector Crimp/Solder Attachment For RG59, RG62
PE4181 PASTERNACK-PE4181 Datasheet
882Kb / 2P
MHV Female Connector Clamp/Solder Attachment For RG59, RG62
PE4018 PASTERNACK-PE4018 Datasheet
247Kb / 2P
BNC Male Connector Crimp/Solder Attachment For RG59, RG62
PE44103 PASTERNACK-PE44103 Datasheet
220Kb / 2P
MHV Female Connector Crimp/Solder Attachment For RG59, RG62
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com