Electronic Components Datasheet Search
  English  ▼

X  

PE4077 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4077
Description  BNC Female Bulkhead Hermetically Sealed Connector Solder Attachment Turret Terminal, .350 inch D Hole
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4077 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4077 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4077 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4077 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
BNC Female Bulkhead Hermetically Sealed Connector
Solder Attachment Turret Terminal, .350 inch D Hole
BNC Female Bulkhead Hermetically Sealed Connector Solder Attachment Turret Terminal, .350 inch D
Hole
Configuration
Connector
BNC Female
Connector Specification
MIL-STD-348A
Connector Interface Type
Turret
Cable Attachment Method (Shield/Contact)
Solder
Body Style
Straight
Mount Method
Bulkhead
Isolated Ground / Hermetic
Hermetically Sealed
Electrical Specifications
Frequency Range, GHz
DC to 4
Impedance, Ohms
50
Maximum Operating Voltage, Volts
500
Dielectric Withstanding Voltage, Vrms
1,500
Frequency 1
Frequency, MHz
DC to 1,000
VSWR
1.3:1
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
1.21 [30.73]
Width/Dia., in [mm]
0.6 [15]
Weight, lbs [g]
0.027 [12.25]
Connector
Type
BNC Female
Contact Material and Plating
Brass, Gold
Contact Plating Specification
30µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: BNC Female Bulkhead Hermetically Sealed Connector Solder Attachment Turret Terminal,
.350 inch D Hole PE4077
PE4077
PE4077 REV


Similar Part No. - PE4077

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4077 PASTERNACK-PE4077 Datasheet
352Kb / 3P
BNC Female Bulkhead Mount Hermetically Sealed Connector Solder Attachment Spade Terminal
PE4077 PASTERNACK-PE4077_16 Datasheet
352Kb / 3P
BNC Female Bulkhead Mount Hermetically Sealed Connector Solder Attachment Spade Terminal
More results

Similar Description - PE4077

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4312 PASTERNACK-PE4312 Datasheet
239Kb / 2P
MHV Female Bulkhead Connector Solder Attachment Turret Terminal, .537 inch D Hole
PE4624 PASTERNACK-PE4624 Datasheet
215Kb / 2P
75 Ohm BNC Female Bulkhead Hermetically Sealed Connector Solder Attachment Turret Terminal, .350 inch D Hole
PE4500 PASTERNACK-PE4500 Datasheet
217Kb / 3P
SHV Jack Bulkhead Hermetically Sealed Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
PE4758 PASTERNACK-PE4758 Datasheet
250Kb / 3P
RP BNC Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
PE4049 PASTERNACK-PE4049 Datasheet
253Kb / 2P
BNC Female Bulkhead Hermetically Sealed Connector Solder Attachment Turret Terminal, .480 inch D Hole
PE4481 PASTERNACK-PE4481 Datasheet
240Kb / 2P
HN Female Bulkhead Hermetically Sealed Connector Solder Attachment Turret Terminal, .765 inch DD Hole
PE4015 PASTERNACK-PE4015 Datasheet
263Kb / 3P
BNC Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
PE4973 PASTERNACK-PE4973 Datasheet
221Kb / 3P
C Female Bulkhead Connector Solder Attachment Turret Terminal, .350 inch D Hole
PE4015 PASTERNACK-PE4015_16 Datasheet
353Kb / 3P
BNC Female Bulkhead Mount Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
PE4049 PASTERNACK-PE4049_17 Datasheet
358Kb / 3P
BNC Female Bulkhead Mount Hermetically Sealed Connector Solder Attachment Turret Terminal
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com