Electronic Components Datasheet Search
  English  ▼

X  

CT1469-2 Datasheet(PDF) 3 Page - Aeroflex Circuit Technology

Part # CT1469-2
Description  CT1469-2 MIL-STD-1397 Type E 10MHz Transceiver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

CT1469-2 Datasheet(HTML) 3 Page - Aeroflex Circuit Technology

  CT1469-2 Datasheet HTML 1Page - Aeroflex Circuit Technology CT1469-2 Datasheet HTML 2Page - Aeroflex Circuit Technology CT1469-2 Datasheet HTML 3Page - Aeroflex Circuit Technology CT1469-2 Datasheet HTML 4Page - Aeroflex Circuit Technology CT1469-2 Datasheet HTML 5Page - Aeroflex Circuit Technology CT1469-2 Datasheet HTML 6Page - Aeroflex Circuit Technology CT1469-2 Datasheet HTML 7Page - Aeroflex Circuit Technology CT1469-2 Datasheet HTML 8Page - Aeroflex Circuit Technology CT1469-2 Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Aeroflex Circuit Technology
SCDCT1469 REV A 3/22/00 Plainview NY (516) 694-6700
3
Absolute Maximum Ratings
Parameter
Rating
Units
Supply Voltage
Vcc
VEE
+0.5 to +7.0
-0.5 to -7.0
V
V
Input Voltage
Digital VIN(D)
Receiver VIN(R)
-0.5 to +5.5
±2
V
V
Power Dissipation PD
2.0
W
Storage Temperature Range TSTG
-60 to +150
°C
Operating Case Temperature Range TC
-55 to +100
°C
DC Electrical Characteristics
(VCC = 5V ±10%, VEE = -5V ±10%, TC = -55 °C to +100°C, unless otherwise specified)
SYMBOL
PARAMETER
LIMIT
RX DATA (7), RX DATA (8)
VOH
Logic High Output Voltage
2.4V min @ IOH = -80µA, VCC = +4.5V,
VEE = -4.5V
VOL
Logic Low Output Voltage
0.4V max @ IOL = 3.2mA, VCC = +4.5V,
VEE = -4.5V
TX DATA INPUT (22), TX DATA INPUT (24) 1/
IIH
Logic High Input Current
50µA max @ VIH = 2.4V, VCC = +5.5V, VEE
= -5.5V
IIL
Logic Low Input Current
-2mA max @ VIL = 0.4V, VCC = +5.5V, VEE
= -5.5V
TX INHIBIT INPUT (23) 1/
IIH
Logic High Input Current
100µA max @ VIH = 2.4V, VCC = +5.5V,
VEE = -5.5V
IIL
Logic Low Input Current
-4mA max @ VIL = 0.4V, VCC = +5.5V, VEE
= -5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com