Electronic Components Datasheet Search
  English  ▼

X  

PE4092 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4092
Description  BNC Male Right Angle Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4092 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4092 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4092 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
BNC Male Right Angle Connector Solder Attachment
For PE-SR402AL, PE-SR402FL, RG402
BNC Male Right Angle Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
Configuration
Connector
BNC Male
Connector Specification
MIL-STD-348A
Connector Interface Type
PE-SR402AL,PE-SR402FL,RG402
Cable Attachment Method (Shield/Contact)
Solder/Solder
Body Style
Right Angle
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
0.89 [22.61]
Width/Dia., in [mm]
0.57 [14]
.
Weight, lbs [g]
0.027 [12.25]
Connector
Type
BNC Male
Contact Material and Plating
Brass, Gold
Contact Plating Specification
30µ in. minimum
Coupling Nut Material and Plating
Brass, Nickel
Coupling Nut Plating Specification
100µ in. minimum
Body Material and Plating
Brass, Gold
Body Plating Specification
3µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/bnc-male-standard-pe-sr402al-pe-sr402fl-rg402-connector-pe4092-p.aspx
BNC Male Right Angle Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402 from Pasternack Enterprises
has same day shipment for domestic and International orders. We maintain 99% availability of the industry’s broadest selection
of RF, microwave and fiber optic products.
PE4092
PE4092 REV


Similar Part No. - PE4092

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4092 PASTERNACK-PE4092 Datasheet
386Kb / 3P
BNC Male Right Angle Connector Solder Attachment
PE4092 PASTERNACK-PE4092_16 Datasheet
386Kb / 3P
BNC Male Right Angle Connector Solder Attachment
More results

Similar Description - PE4092

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4112 PASTERNACK-PE4112 Datasheet
262Kb / 3P
SMA Male Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
PE4650 PASTERNACK-PE4650 Datasheet
229Kb / 3P
BNC Male Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
PE4083 PASTERNACK-PE4083 Datasheet
276Kb / 3P
SMA Male Right Angle Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
PE4204 PASTERNACK-PE4204 Datasheet
105Kb / 1P
BNC FEMALE SOLDER/CLAMP ATTACHMENT FOR RG402 PE-SR402AL &PE-SR402FL
PE4936 PASTERNACK-PE4936 Datasheet
216Kb / 2P
N Male Right Angle Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
PE4723 PASTERNACK-PE4723 Datasheet
214Kb / 2P
RP BNC Male Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
PE44496 PASTERNACK-PE44496 Datasheet
381Kb / 3P
QMA Male Connector Solder Attachment for PE-SR402AL, PE-SR402FL, RG402
PE44498 PASTERNACK-PE44498 Datasheet
227Kb / 3P
QMA Male Right Angle Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
PE44599 PASTERNACK-PE44599 Datasheet
215Kb / 2P
QN Male Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
PE44604 PASTERNACK-PE44604 Datasheet
226Kb / 3P
QN Male Right Angle Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com