Electronic Components Datasheet Search
  English  ▼

X  

PE4161 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4161
Description  75 Ohm SMB Plug Right Angle Connector Crimp /Solder Attachment For RG180, RG195
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4161 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4161 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4161 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4161 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
75 Ohm SMB Plug Right Angle Connector Crimp/Solder Attachment For RG180, RG195
Configuration
Connector
SMB Plug
Connector Specification
MIL-C-39012
Connector Interface Type
RG180,RG195
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Right Angle
Electrical Specifications
Impedance, Ohms
75
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
0.69 [17.53]
Width/Dia., in [mm]
0.38 [9.65]
Height, in [mm]
0.78 [19.81]
.
Weight, lbs [g]
0.013 [5.9]
Connector
Type
SMB Plug
Contact Material and Plating
Gold
Contact Plating Specification
MIL-G-45204
Body Material and Plating
Brass, Gold
Body Plating Specification
MIL-G-45204
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information includ-
ing price, inventory and certifications: 75 Ohm SMB Plug Right Angle Connector Crimp/Solder Attachment For RG180,
RG195 PE4161
PE4161
PE4161 REV
75 Ohm SMB Plug Right Angle Connector Crimp/
Solder Attachment For RG180, RG195


Similar Part No. - PE4161

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4161 PASTERNACK-PE4161 Datasheet
317Kb / 3P
75 Ohm SMB Plug Right Angle Connector Crimp/Solder Attachment
PE4161 PASTERNACK-PE4161_16 Datasheet
317Kb / 3P
75 Ohm SMB Plug Right Angle Connector Crimp/Solder Attachment
More results

Similar Description - PE4161

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4163 PASTERNACK-PE4163 Datasheet
257Kb / 2P
75 Ohm SMB Jack Connector Crimp/Solder Attachment For RG180, RG195
PE4265 PASTERNACK-PE4265 Datasheet
833Kb / 2P
75 Ohm SMB Plug Right Angle Connector Clamp/ Solder Attachment For RG180, RG195
PE4162 PASTERNACK-PE4162 Datasheet
253Kb / 2P
75 Ohm SMC Plug Right Angle Connector Crimp/ Solder Attachment For RG180, RG195
PE4164 PASTERNACK-PE4164 Datasheet
257Kb / 2P
75 Ohm SMC Jack Connector Crimp/Solder Attachment For RG180, RG195
PE44444 PASTERNACK-PE44444 Datasheet
836Kb / 2P
75 Ohm SMB Positive Snap Plug Connector Crimp/ Solder Attachment For RG180, RG195
PE4267 PASTERNACK-PE4267 Datasheet
208Kb / 2P
75 Ohm SMC Plug Right Angle Connector Clamp/ Solder Attachment For RG180, RG195
PE4273 PASTERNACK-PE4273 Datasheet
208Kb / 2P
75 Ohm SMB Jack Connector Clamp/Solder Attachment For RG180, RG195
PE4157 PASTERNACK-PE4157 Datasheet
217Kb / 3P
75 Ohm SMB Plug Connector Crimp/Solder Attachment For RG180, RG195
PE44446 PASTERNACK-PE44446 Datasheet
204Kb / 2P
75 Ohm SMB Positive Snap Plug Right Angle Connector Crimp/Solder Attachment For RG180, RG195
PE4158 PASTERNACK-PE4158 Datasheet
219Kb / 3P
75 Ohm SMC Plug Connector Crimp - Solder Attachment For RG180, RG195
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com