Electronic Components Datasheet Search
  English  ▼

X  

PE4163 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4163
Description  75 Ohm SMB Jack Connector Crimp/Solder Attachment For RG180, RG195
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4163 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4163 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4163 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
75 Ohm SMB Jack Connector Crimp/Solder Attachment For RG180, RG195
Configuration
Connector
SMB Jack
Connector Interface Type
RG180,RG195
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Electrical Specifications
Impedance, Ohms
75
Mechanical Specifications
Size
Length, in [mm]
1.02 [25.91]
Width/Dia., in [mm]
0.345 [8.76]
.
Weight, lbs [g]
0.013 [5.9]
Connector
Type
SMB Jack
Contact Material and Plating
Gold
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
Plotted and Other Data
Notes:
Values at 25 °C, sea level
75 Ohm SMB Jack Connector Crimp/Solder Attachment For RG180, RG195 from Pasternack Enterprises has same day
shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and
are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm SMB Jack Connector Crimp/Solder Attachment For RG180, RG195 PE4163
URL: http://www.pasternack.com/smb-jack-standard-rg180-rg195-connector-pe4163-p.aspx
PE4163
PE4163 REV
75 Ohm SMB Jack Connector Crimp/Solder
Attachment For RG180, RG195


Similar Part No. - PE4163

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4163 PASTERNACK-PE4163 Datasheet
316Kb / 3P
75 Ohm SMB Jack Connector Crimp/Solder Attachment
PE4163 PASTERNACK-PE4163_16 Datasheet
316Kb / 3P
75 Ohm SMB Jack Connector Crimp/Solder Attachment
More results

Similar Description - PE4163

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4161 PASTERNACK-PE4161 Datasheet
219Kb / 3P
75 Ohm SMB Plug Right Angle Connector Crimp /Solder Attachment For RG180, RG195
PE4265 PASTERNACK-PE4265 Datasheet
833Kb / 2P
75 Ohm SMB Plug Right Angle Connector Clamp/ Solder Attachment For RG180, RG195
PE4162 PASTERNACK-PE4162 Datasheet
253Kb / 2P
75 Ohm SMC Plug Right Angle Connector Crimp/ Solder Attachment For RG180, RG195
PE4164 PASTERNACK-PE4164 Datasheet
257Kb / 2P
75 Ohm SMC Jack Connector Crimp/Solder Attachment For RG180, RG195
PE44444 PASTERNACK-PE44444 Datasheet
836Kb / 2P
75 Ohm SMB Positive Snap Plug Connector Crimp/ Solder Attachment For RG180, RG195
PE4273 PASTERNACK-PE4273 Datasheet
208Kb / 2P
75 Ohm SMB Jack Connector Clamp/Solder Attachment For RG180, RG195
PE4157 PASTERNACK-PE4157 Datasheet
217Kb / 3P
75 Ohm SMB Plug Connector Crimp/Solder Attachment For RG180, RG195
PE44446 PASTERNACK-PE44446 Datasheet
204Kb / 2P
75 Ohm SMB Positive Snap Plug Right Angle Connector Crimp/Solder Attachment For RG180, RG195
PE4275 PASTERNACK-PE4275 Datasheet
209Kb / 2P
75 Ohm SMC Jack Connector Clamp-Solder Attachment For RG180, RG195
PE4158 PASTERNACK-PE4158 Datasheet
219Kb / 3P
75 Ohm SMC Plug Connector Crimp - Solder Attachment For RG180, RG195
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com