Electronic Components Datasheet Search
  English  ▼

X  

PE4175 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4175
Description  SMC Jack Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4175 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4175 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4175 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4175 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
SMC Jack Connector Solder Attachment Thru Hole
PCB, .200 inch x .067 inch Hole Spacing
SMC Jack Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
Configuration
Connector
SMC Jack
Connector Specification
MIL-STD-348A
Connector Interface Type
Thru Hole
Cable Attachment Method (Shield/Contact)
Solder
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 10
Impedance, Ohms
50
Maximum VSWR
1.3:1
Maximum Operating Voltage, Volts
335
Dielectric Withstanding Voltage, Vrms
1,000
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
0.449 [11.4]
Width/Dia., in [mm]
0.25 [6]
Weight, lbs [g]
0.004 [1.81]
Connector
Type
SMC Jack
Contact Material and Plating
Brass, Gold
Contact Plating Specification
30µ in. minimum
Body Material and Plating
Brass, Gold
Body Plating Specification
3µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/smc-jack-standard-thru-hole-pcb-connector-pe4175-p.aspx
SMC Jack Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing from Pasternack Enterprises has
same day shipment for domestic and International orders. We maintain 99% availability of the industry’s broadest selection of
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMC Jack Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE4175
PE4175
PE4175 REV


Similar Part No. - PE4175

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4175 PASTERNACK-PE4175 Datasheet
347Kb / 3P
SMC Jack Connector Solder Attachment Thru Hole PCB
PE4175 PASTERNACK-PE4175_16 Datasheet
347Kb / 3P
SMC Jack Connector Solder Attachment Thru Hole PCB
More results

Similar Description - PE4175

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4369 PASTERNACK-PE4369 Datasheet
234Kb / 2P
75 Ohm SMC Plug Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE4110 PASTERNACK-PE4110 Datasheet
220Kb / 3P
75 Ohm SMB Jack Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE4174 PASTERNACK-PE4174 Datasheet
257Kb / 1P
SMB Jack Connector Solder Attachment Thru Hole PCB, .200 inch x 067 inch Hole Spacing
PE4367 PASTERNACK-PE4367 Datasheet
848Kb / 2P
SMC PLUG CONNECTOR CLAMP/SOLDER ATTACHMENT THRU HOLE PCB, .200 inch x .067 inch Hole Spacing
PE4177 PASTERNACK-PE4177 Datasheet
259Kb / 3P
SMB Jack Right Angle Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE4178 PASTERNACK-PE4178 Datasheet
259Kb / 3P
SMC Jack Right Angle Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE44303 PASTERNACK-PE44303 Datasheet
202Kb / 2P
MCX Jack Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE4180 PASTERNACK-PE4180 Datasheet
212Kb / 2P
75 Ohm SMC Jack Right Angle Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE44375 PASTERNACK-PE44375 Datasheet
203Kb / 2P
RP MCX Jack Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE4367 PASTERNACK-PE4367_16 Datasheet
316Kb / 3P
SMC Plug Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com