Electronic Components Datasheet Search
  English  ▼

X  

PE4192 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4192
Description  LC Female Connector Solder Attachment 4 Hole Flange Pin Terminal, 1.440 inch Hole Spacing
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4192 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4192 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4192 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
LC Female Connector Solder Attachment 4 Hole
Flange Pin Terminal, 1.440 inch Hole Spacing
LC Female Connector Solder Attachment 4 Hole Flange Pin Terminal, 1.440 inch Hole Spacing
Configuration
Connector
LC Female
Connector Interface Type
Pin
Cable Attachment Method (Shield/Contact)
Solder
Body Style
Straight
Mount Method
4 Hole Flange
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
2.25 [57.15]
Width/Dia., in [mm]
2 [51]
Height, in [mm]
2 [50.8]
.
Weight, lbs [g]
0.481 [218.18]
Connector
Type
LC Female
Contact Material and Plating
Silver
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/lc-female-standard-pin-terminal-connector-pe4192-p.aspx
LC Female Connector Solder Attachment 4 Hole Flange Pin Terminal, 1.440 inch Hole Spacing from Pasternack Enterprises
has same day shipment for domestic and International orders. We maintain 99% availability of the industry’s broadest selection
of RF, microwave and fiber optic products.
PE4192
PE4192 REV


Similar Part No. - PE4192

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4192 PASTERNACK-PE4192 Datasheet
354Kb / 3P
LC Female Connector Solder Attachment 4 Hole Flange Mount Pin Terminal, 1.44 inch Hole Spacing
PE4192 PASTERNACK-PE4192_16 Datasheet
354Kb / 3P
LC Female Connector Solder Attachment 4 Hole Flange Mount Pin Terminal, 1.44 inch Hole Spacing
More results

Similar Description - PE4192

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44079 PASTERNACK-PE44079 Datasheet
220Kb / 3P
N Female Connector Solder Attachment 2 Hole Flange Pin Terminal, 1.0 inch Hole Spacing
PE44079 PASTERNACK-PE44079 Datasheet
220Kb / 3P
N Female Connector Solder Attachment 2 Hole Flange Pin Terminal, 1.0 inch Hole Spacing
PE44433 PASTERNACK-PE44433 Datasheet
220Kb / 3P
SSMA Female Connector Solder Attachment 2 Hole Flange Pin Terminal, .328 inch Hole Spacing
PE44218 PASTERNACK-PE44218 Datasheet
215Kb / 3P
2.4mm Female Connector Solder Attachment 4 Hole Flange Pin Terminal, .340 inch Hole Spacing
PE4538 PASTERNACK-PE4538 Datasheet
206Kb / 2P
SMA Female Connector Solder Attachment 4 Hole Flange Pin Terminal, .375 inch x .500 inch Hole Spacing
PE4355 PASTERNACK-PE4355 Datasheet
251Kb / 2P
N Female Connector Solder Attachment 4 Hole Flange Pin Terminal, .340 inch Hole Spacing
PE4217 PASTERNACK-PE4217 Datasheet
379Kb / 3P
SMA Female Connector Solder Attachment 4 Hole Flange Mount Pin Terminal, .340 inch Hole Spacing
PE44434 PASTERNACK-PE44434 Datasheet
220Kb / 3P
SSMA Female Connector Solder Attachment 4 Hole Flange Pin Terminal, .232 inch Hole Spacing
PE4192 PASTERNACK-PE4192_16 Datasheet
354Kb / 3P
LC Female Connector Solder Attachment 4 Hole Flange Mount Pin Terminal, 1.44 inch Hole Spacing
PE4217 PASTERNACK-PE4217_16 Datasheet
351Kb / 3P
SMA Female Connector Solder Attachment 4 Hole Flange Mount Pin Terminal, .340 inch Hole Spacing
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com