Electronic Components Datasheet Search
  English  ▼

X  

PE4194 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4194
Description  SHV Plug Connector Crimp/Solder Attachment For RG58
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4194 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4194 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4194 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
SHV Plug Connector Crimp/Solder Attachment For RG58
SHV Plug Connector Crimp/Solder Attachment For RG58
Configuration
Connector
SHV Plug
Connector Specification
MIL-STD-348A
Connector Interface Type
RG58
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
1.778 [45.16]
Width/Dia., in [mm]
0.571 [15]
Weight, lbs [g]
0.027 [12.25]
Connector
Type
SHV Plug
Contact Material and Plating
Brass, Gold
Contact Plating Specification
30µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/shv-plug-standard-rg58-connector-pe4194-p.aspx
SHV Plug Connector Crimp/Solder Attachment For RG58 from Pasternack Enterprises has same day shipment for domestic
and International orders. We maintain 99% availability of the industry’s broadest selection of RF, microwave and fiber optic
products.
PE4194
PE4194 REV


Similar Part No. - PE4194

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4194 PASTERNACK-PE4194 Datasheet
354Kb / 3P
SHV Plug Connector Crimp/Solder Attachment
PE4194 PASTERNACK-PE4194_16 Datasheet
354Kb / 3P
SHV Plug Connector Crimp/Solder Attachment
More results

Similar Description - PE4194

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4301 PASTERNACK-PE4301 Datasheet
247Kb / 2P
Banana Plug Connector Crimp/Solder Attachment For RG58
PE4557 PASTERNACK-PE4557 Datasheet
220Kb / 3P
SMC Plug Right Angle Connector Crimp/ Solder Attachment For RG58
PE4558 PASTERNACK-PE4558 Datasheet
200Kb / 2P
SMC Plug Connector Crimp/Solder Attachment For RG58
PE44243 PASTERNACK-PE44243 Datasheet
252Kb / 2P
1.0/2.3 Plug Connector Crimp/Solder Attachment For RG58
PE4343 PASTERNACK-PE4343 Datasheet
267Kb / 3P
SHV Plug Connector Crimp - Solder Attachment For RG59, RG62
PE4523 PASTERNACK-PE4523 Datasheet
258Kb / 3P
SMB Plug Connector Crimp - Solder Attachment For RG58
PE44295 PASTERNACK-PE44295 Datasheet
458Kb / 2P
FME Plug Connector Crimp/Solder Attachment For RG58
PE4194 PASTERNACK-PE4194_16 Datasheet
354Kb / 3P
SHV Plug Connector Crimp/Solder Attachment
PE4343 PASTERNACK-PE4343_17 Datasheet
359Kb / 3P
SHV Plug Connector Crimp/Solder Attachment
PE4349 PASTERNACK-PE4349_16 Datasheet
356Kb / 3P
SHV Plug Connector Crimp/Solder Attachment
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com