Electronic Components Datasheet Search
  English  ▼

X  

PE4212 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4212
Description  BNC Female Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG11, RG225, RG393
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4212 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4212 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4212 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
BNC Female Connector Clamp/Solder Attachment For
RG213, RG214, RG8, RG9, RG11, RG225, RG393
BNC Female Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG11, RG225, RG393
Configuration
Connector
BNC Female
Connector Specification
MIL-STD-348A
Connector Interface Type
RG213,RG214,RG8,RG9,RG11,RG225,RG393
Cable Attachment Method (Shield/Contact)
Clamp/Solder
Body Style
Straight
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
1.53 [38.86]
Width/Dia., in [mm]
0.75 [19]
.
Weight, lbs [g]
0.068 [30.84]
Connector
Type
BNC Female
Contact Material and Plating
Brass, Gold
Contact Plating Specification
30µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/bnc-female-standard-rg213-rg214-rg8-rg9-rg11-rg225-rg393-connector-pe4212-p.aspx
BNC Female Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG11, RG225, RG393 from Pasternack
Enterprises has same day shipment for domestic and International orders. We maintain 99% availability of the industry’s
broadest selection of RF, microwave and fiber optic products.
PE4212
PE4212 REV


Similar Part No. - PE4212

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4212 PASTERNACK-PE4212 Datasheet
403Kb / 3P
BNC Female Connector Clamp/Solder Attachment
logo
Pan Jit International I...
PE4212CS PANJIT-PE4212CS Datasheet
568Kb / 8P
Hi-Surge ESD Protection
January 9,2020 PE4205CS_SERIES-REV.00
PE4212CS_R1_00001 PANJIT-PE4212CS_R1_00001 Datasheet
568Kb / 8P
Hi-Surge ESD Protection
January 9,2020 PE4205CS_SERIES-REV.00
logo
Pasternack Enterprises,...
PE4212 PASTERNACK-PE4212_16 Datasheet
403Kb / 3P
BNC Female Connector Clamp/Solder Attachment
More results

Similar Description - PE4212

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4373 PASTERNACK-PE4373 Datasheet
222Kb / 3P
MHV Female Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG11, RG225, RG393
PE4411 PASTERNACK-PE4411 Datasheet
315Kb / 3P
SMA Female Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG11, RG225, RG393
PE4155 PASTERNACK-PE4155 Datasheet
312Kb / 2P
TNC Female Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG11, RG225, RG393
PE4960 PASTERNACK-PE4960 Datasheet
300Kb / 2P
C Female Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG11, RG225, RG393
PE4387 PASTERNACK-PE4387 Datasheet
316Kb / 3P
BNC Male Right Angle Connector Clamp/Solder Attachment For RG213,RG214 RG8,RG9,RG11,RG225,RG393
PE44050 PASTERNACK-PE44050 Datasheet
271Kb / 2P
UHF Male Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG11, RG225, RG393
PE44055 PASTERNACK-PE44055 Datasheet
249Kb / 2P
UHF Female Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG11, RG225, RG393
PE4061 PASTERNACK-PE4061 Datasheet
308Kb / 2P
N Female Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG11, RG225, RG393
PE4735 PASTERNACK-PE4735 Datasheet
225Kb / 2P
RP BNC Female Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG225, RG393
PE44105 PASTERNACK-PE44105 Datasheet
240Kb / 3P
MHV Female Bulkhead Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG11, RG225, RG393
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com