Electronic Components Datasheet Search
  English  ▼

X  

PE4218 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4218
Description  SMA Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .718 inch Hole Spacing
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4218 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4218 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4218 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4218 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
SMA Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .718 inch Hole Spacing
Configuration
Connector
SMA Female
Connector Specification
MIL-C-39012
Connector Interface Type
Solder Cup
Cable Attachment Method (Shield/Contact)
Solder
Body Style
Straight
Mount Method
4 Hole Flange
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
0.57 [14.48]
Width/Dia., in [mm]
1 [25.40]
Height, in [mm]
1 [25.4]
.
Weight, lbs [g]
0.013 [5.9]
Connector
Type
SMA Female
Contact Material and Plating
Gold
Contact Plating Specification
MIL-G-45204
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .718 inch
Hole Spacing PE4218
PE4218
PE4218 REV
SMA Female Connector Solder Attachment 4 Hole
Flange Solder Cup Terminal, .718 inch Hole Spacing


Similar Part No. - PE4218

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4218 PASTERNACK-PE4218 Datasheet
320Kb / 3P
SMA Female Connector Solder Attachment 4 Hole Flange Mount Solder Cup Terminal, .718 inch Hole Spacing
logo
Pan Jit International I...
PE4218CS PANJIT-PE4218CS Datasheet
568Kb / 8P
Hi-Surge ESD Protection
January 9,2020 PE4205CS_SERIES-REV.00
PE4218CS_R1_00001 PANJIT-PE4218CS_R1_00001 Datasheet
568Kb / 8P
Hi-Surge ESD Protection
January 9,2020 PE4205CS_SERIES-REV.00
logo
Pasternack Enterprises,...
PE4218 PASTERNACK-PE4218_16 Datasheet
320Kb / 3P
SMA Female Connector Solder Attachment 4 Hole Flange Mount Solder Cup Terminal, .718 inch Hole Spacing
More results

Similar Description - PE4218

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4131 PASTERNACK-PE4131 Datasheet
239Kb / 2P
N Male Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .718 inch Hole Spacing
PE4012 PASTERNACK-PE4012 Datasheet
238Kb / 2P
UHF Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .718 inch Hole Spacing
PE4241 PASTERNACK-PE4241 Datasheet
251Kb / 2P
C Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .718 inch Hole Spacing
PE4546 PASTERNACK-PE4546 Datasheet
295Kb / 3P
SMA Female Connector Solder Attachment 4 Hole Flange Tab Terminal, .718 inch Hole Spacing
PE4322 PASTERNACK-PE4322 Datasheet
205Kb / 2P
SC Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .718 inch Hole Spacing
PE4395 PASTERNACK-PE4395 Datasheet
219Kb / 3P
BNC Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .718 inch Hole Spacing
PE4503 PASTERNACK-PE4503 Datasheet
217Kb / 3P
75 Ohm N Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .718 inch Hole Spacing
PE44096 PASTERNACK-PE44096 Datasheet
220Kb / 3P
C Male Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .718 inch Hole Spacing
PE44117 PASTERNACK-PE44117 Datasheet
240Kb / 3P
C Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .718 inch Hole Spacing, High Voltage
PE4218 PASTERNACK-PE4218_16 Datasheet
320Kb / 3P
SMA Female Connector Solder Attachment 4 Hole Flange Mount Solder Cup Terminal, .718 inch Hole Spacing
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com