Electronic Components Datasheet Search
  English  ▼

X  

PE4242 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4242
Description  C Male Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4242 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4242 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4242 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
C Male Connector Clamp/Solder Attachment For
RG58, RG55, RG141, RG142, RG223, RG400
C Male Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
Configuration
Connector
C Male
Connector Interface Type
RG58,RG55,RG141,RG142,RG223,RG400
Cable Attachment Method (Shield/Contact)
Clamp/Solder
Body Style
Straight
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
1.4 [35.56]
Width/Dia., in [mm]
0.75 [19]
.
Weight, lbs [g]
0.082 [37.19]
Connector
Type
C Male
Contact Material and Plating
Silver
Coupling Nut Material and Plating
Nickel
Body Material and Plating
Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/c-male-standard-rg58-rg55-rg141-rg142-rg223-rg400-connector-pe4242-p.aspx
C Male Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400 from Pasternack Enterprises
has same day shipment for domestic and International orders. We maintain 99% availability of the industry’s broadest selection
of RF, microwave and fiber optic products.
PE4242
PE4242 REV


Similar Part No. - PE4242

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4242 PEREGRINE-PE4242 Datasheet
276Kb / 8P
SPDT UltraCMOS??RF Switch
PE4242 PEREGRINE-PE4242 Datasheet
278Kb / 9P
SPDT UltraCMOS??RF Switch
logo
Pasternack Enterprises,...
PE4242 PASTERNACK-PE4242 Datasheet
316Kb / 3P
C Male Connector Clamp/Solder Attachment
logo
Peregrine Semiconductor...
PE4242-EK PEREGRINE-PE4242-EK Datasheet
276Kb / 8P
SPDT UltraCMOS??RF Switch
logo
Peregrine Semiconductor
PE42420 PSEMI-PE42420 Datasheet
355Kb / 11P
UltraCMOS SPDT RF Switch 100 ??6000 MHz
More results

Similar Description - PE4242

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4067 PASTERNACK-PE4067 Datasheet
315Kb / 2P
TNC Male Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE4961 PASTERNACK-PE4961 Datasheet
276Kb / 3P
C Female Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE4076 PASTERNACK-PE4076 Datasheet
871Kb / 2P
MHV Male Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE4081 PASTERNACK-PE4081 Datasheet
276Kb / 2P
N Male Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE44052 PASTERNACK-PE44052 Datasheet
274Kb / 2P
UHF Male Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE44052 PASTERNACK-PE44052 Datasheet
274Kb / 2P
UHF Male Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE4023 PASTERNACK-PE4023 Datasheet
498Kb / 3P
BNC Male Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE4198 PASTERNACK-PE4198 Datasheet
309Kb / 3P
HN Male Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE4957 PASTERNACK-PE4957 Datasheet
237Kb / 3P
C Male Right Angle Connector Clamp-Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE4519 PASTERNACK-PE4519 Datasheet
237Kb / 3P
SC Male Connector Clamp - Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com