Electronic Components Datasheet Search
  English  ▼

X  

PE4258 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4258
Description  75 Ohm SMC Plug Connector Clamp/Solder Attachment For RG59, RG62
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4258 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4258 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4258 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4258 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
75 Ohm SMC Plug Connector Clamp/Solder Attachment For RG59, RG62
Configuration
Connector
SMC Plug
Connector Interface Type
RG59,RG62
Cable Attachment Method (Shield/Contact)
Clamp/Solder
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 2
Impedance, Ohms
75
Maximum Insertion Loss, dB
0.3
Maximum Operating Voltage, Volts
250
Dielectric Withstanding Voltage, Vrms
2,000
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
0.72 [18.29]
Width/Dia., in [mm]
0.34 [8.64]
.
Weight, lbs [g]
0.013 [5.9]
Connector
Type
SMC Plug
Mating Cycles
500
Contact Material and Plating
Brass/Beryllium Copper, Gold
Contact Plating Specification
MIL-PRF-39012
Coupling Nut Material and Plating
Brass, Nickel
Coupling Nut Plating Specification
MIL-PRF-39012
Body Material and Plating
Brass, Nickel
Body Plating Specification
MIL-PRF-39012
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm SMC Plug Connector Clamp/Solder Attachment For RG59, RG62 PE4258
PE4258
PE4258 REV
75 Ohm SMC Plug Connector Clamp/
Solder Attachment For RG59, RG62


Similar Part No. - PE4258

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4258 PASTERNACK-PE4258 Datasheet
330Kb / 4P
75 Ohm SMC Plug Connector Clamp/Solder Attachment
logo
Peregrine Semiconductor
PE42582 PSEMI-PE42582 Datasheet
920Kb / 23P
SP8T RF Switch, 9 kHz?? GHz
PE42582A-X PSEMI-PE42582A-X Datasheet
920Kb / 23P
SP8T RF Switch, 9 kHz?? GHz
logo
Pasternack Enterprises,...
PE4258 PASTERNACK-PE4258_16 Datasheet
330Kb / 4P
75 Ohm SMC Plug Connector Clamp/Solder Attachment
More results

Similar Description - PE4258

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4266 PASTERNACK-PE4266 Datasheet
830Kb / 2P
75 Ohm SMC Plug Right Angle Connector Clamp/ Solder Attachment For RG59, RG62
PE4203 PASTERNACK-PE4203 Datasheet
263Kb / 2P
75 Ohm SMB Plug Connector Clamp/ Solder Attachment For RG59, RG62
PE4658 PASTERNACK-PE4658 Datasheet
216Kb / 3P
75 Ohm SMC Plug Connector Crimp/ Solder Attachment For RG59, RG62
PE4472 PASTERNACK-PE4472 Datasheet
280Kb / 2P
75 Ohm SMB Plug Connector Crimp/ Solder Attachment For RG59, RG62
PE4272 PASTERNACK-PE4272 Datasheet
207Kb / 2P
75 Ohm SMB Jack Connector Clamp/Solder Attachment For RG59, RG62
PE4274 PASTERNACK-PE4274 Datasheet
207Kb / 2P
75 Ohm SMC Jack Connector Clamp/Solder Attachment For RG59, RG62
PE4511 PASTERNACK-PE4511 Datasheet
224Kb / 3P
75 Ohm N Male Connector Clamp/Solder Attachment For RG59, RG62
PE4282 PASTERNACK-PE4282 Datasheet
212Kb / 2P
75 Ohm SMC Jack Bulkhead Connector Clamp-Solder Attachment For RG59, RG62, .285 inch D Hole
PE4264 PASTERNACK-PE4264 Datasheet
218Kb / 2P
75 Ohm SMB Plug Right Angle Connector Clamp - Solder Attachment For RG59, RG62
PE4460 PASTERNACK-PE4460 Datasheet
354Kb / 3P
75 Ohm TNC Female Connector Clamp - Solder Attachment for RG59, RG62
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com