Electronic Components Datasheet Search
  English  ▼

X  

PE4270 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4270
Description  SMC Jack Connector Clamp/Solder Attachment For RG174, RG316, RG188
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4270 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4270 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4270 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
SMC Jack Connector Clamp/Solder Attachment For RG174, RG316, RG188
Configuration
Connector
SMC Jack
Connector Interface Type
RG174,RG316,RG188
Cable Attachment Method (Shield/Contact)
Clamp/Solder
Body Style
Straight
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
0.65 [16.51]
Width/Dia., in [mm]
0.218 [5.54]
.
Weight, lbs [g]
0.005 [2.27]
Connector
Type
SMC Jack
Contact Material and Plating
Gold
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
Plotted and Other Data
Notes:
Values at 25 °C, sea level
SMC Jack Connector Clamp/Solder Attachment For RG174, RG316, RG188 from Pasternack Enterprises has same day
shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and
are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMC Jack Connector Clamp/Solder Attachment For RG174, RG316, RG188 PE4270
URL: http://www.pasternack.com/smc-jack-standard-rg174-rg316-rg188-connector-pe4270-p.aspx
PE4270
PE4270 REV
SMC Jack Connector Clamp/Solder Attachment
For RG174, RG316, RG188


Similar Part No. - PE4270

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
PE4270 ICST-PE4270 Datasheet
296Kb / 8P
SPST CATV UltraCMOS??Switch DC - 3000 MHz
logo
Peregrine Semiconductor
PE4270 PSEMI-PE4270 Datasheet
428Kb / 8P
SPST CATV UltraCMOS Switch
logo
Peregrine Semiconductor...
PE4270 PEREGRINE-PE4270 Datasheet
428Kb / 8P
SPST CATV UltraCMOS
logo
Integrated Circuit Syst...
PE4270-EK ICST-PE4270-EK Datasheet
296Kb / 8P
SPST CATV UltraCMOS??Switch DC - 3000 MHz
logo
Peregrine Semiconductor
PE4270 PSEMI-PE4270_14 Datasheet
1,013Kb / 8P
SPST CATV UltraCMOS??Switch
More results

Similar Description - PE4270

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4045 PASTERNACK-PE4045 Datasheet
261Kb / 3P
SMC Plug Connector Crimp/Solder Attachment For RG174 RG316 RG188
PE4094 PASTERNACK-PE4094 Datasheet
258Kb / 2P
SMC Jack Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE44093 PASTERNACK-PE44093 Datasheet
162Kb / 1P
SHV JACK BULKHEAD CLAMP ATTACHMENT FOR RG174 RG188 RG316
PE4030 PASTERNACK-PE4030 Datasheet
256Kb / 2P
SMA Female Connector Clamp/Solder Attachment For RG316, RG174, RG188
PE4268 PASTERNACK-PE4268 Datasheet
273Kb / 2P
SMB Jack Connector Clamp/Solder Attachment For RG174, RG316, RG188
PE4278 PASTERNACK-PE4278 Datasheet
873Kb / 2P
SMC Jack Bulkhead Connector Clamp/Solder Attachment For RG174, RG316, RG188, .177 inch D Hole
PE4262 PASTERNACK-PE4262 Datasheet
291Kb / 3P
SMC Plug Right Angle Connector Clamp/Solder Attachment For RG174, RG316, RG188
PE4026 PASTERNACK-PE4026 Datasheet
252Kb / 2P
SMA Male Connector Clamp-Solder Attachment For RG174, RG316, RG188
PE4498 PASTERNACK-PE4498 Datasheet
535Kb / 2P
SHV Plug Connector Clamp - Solder Attachment For RG174, RG316, RG188
PE4201 PASTERNACK-PE4201 Datasheet
309Kb / 2P
SMC Plug Connector Clamp - Solder Attachment For RG174, RG316, RG188
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com