Electronic Components Datasheet Search
  English  ▼

X  

PE4292 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4292
Description  75 Ohm SMB Plug Right Angle Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4292 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4292 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4292 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4292 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
75 Ohm SMB Plug Right Angle Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole
Spacing
Configuration
Connector
SMB Plug
Connector Specification
MIL-C-39012
Connector Interface Type
Thru Hole
Cable Attachment Method (Shield/Contact)
Solder
Body Style
Right Angle
Electrical Specifications
Impedance, Ohms
75
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
0.688 [17.48]
Width/Dia., in [mm]
0.375 [9.53]
Height, in [mm]
0.56 [14.22]
.
Weight, lbs [g]
0.013 [5.9]
Connector
Type
SMB Plug
Contact Material and Plating
Gold
Contact Plating Specification
MIL-G-45204
Body Material and Plating
Brass, Gold
Body Plating Specification
MIL-G-45204
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm SMB Plug Right Angle Connector Solder Attachment Thru Hole PCB, .200 inch x
.067 inch Hole Spacing PE4292
PE4292
PE4292 REV
75 Ohm SMB Plug Right Angle Connector Solder Attachment
Thru Hole PCB, .200 inch x .067 inch Hole Spacing


Similar Part No. - PE4292

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE42920 PSEMI-PE42920 Datasheet
947Kb / 13P
UltraCMOS Passive DDSPDT High-Isolation RF Switch 10 kHz-6 GHz
PE42920MLAA-Z PSEMI-PE42920MLAA-Z Datasheet
947Kb / 13P
UltraCMOS Passive DDSPDT High-Isolation RF Switch 10 kHz-6 GHz
More results

Similar Description - PE4292

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4366 PASTERNACK-PE4366 Datasheet
234Kb / 2P
SMB Plug Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE4368 PASTERNACK-PE4368 Datasheet
278Kb / 2P
75 Ohm SMB Plug Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE4369 PASTERNACK-PE4369 Datasheet
234Kb / 2P
75 Ohm SMC Plug Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE4110 PASTERNACK-PE4110 Datasheet
220Kb / 3P
75 Ohm SMB Jack Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE4293 PASTERNACK-PE4293 Datasheet
221Kb / 3P
75 Ohm SMC Plug Right Angle Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE4177 PASTERNACK-PE4177 Datasheet
259Kb / 3P
SMB Jack Right Angle Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE4180 PASTERNACK-PE4180 Datasheet
212Kb / 2P
75 Ohm SMC Jack Right Angle Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE4179 PASTERNACK-PE4179 Datasheet
245Kb / 3P
75 Ohm SMB Jack Right Angle Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE4110 PASTERNACK-PE4110_16 Datasheet
318Kb / 3P
75 Ohm SMB Jack Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE4366 PASTERNACK-PE4366_16 Datasheet
345Kb / 3P
SMB Plug Connector Solder Attachment Thru Hole PCB .200 inch x .067 inch Hole Spacing
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com