Electronic Components Datasheet Search
  English  ▼

X  

PE4323 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4323
Description  LC Male Connector Clamp/Solder Attachment For RG218, RG219
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4323 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4323 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4323 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
LC Male Connector Clamp/Solder Attachment For RG218, RG219
LC Male Connector Clamp/Solder Attachment For RG218, RG219
Configuration
Connector
LC Male
Connector Specification
MIL-STD-348
Connector Interface Type
RG218,RG219
Cable Attachment Method (Shield/Contact)
Clamp/Solder
Body Style
Straight
Electrical Specifications
Frequency Range, MHz
DC to 1,000
Impedance, Ohms
50
Dielectric Withstanding Voltage, Vrms
5,000
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
3.95 [100.33]
Width/Dia., in [mm]
1.5 [38]
.
Weight, lbs [g]
0.907 [411.41]
Connector
Type
LC Male
Contact Material and Plating
Beryllium Copper, Silver
Outer Conductor Material and Plating
Phosphor Bronze, Nickel
Coupling Nut Material and Plating
Brass, Nickel
Hex Size, in
1 1/2
Torque, in-lbs [Nm]
61 [6.89]
Body Material and Plating
Brass, Nickel
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/lc-male-standard-rg218-rg219-connector-pe4323-p.aspx
LC Male Connector Clamp/Solder Attachment For RG218, RG219 from Pasternack Enterprises has same day shipment for
domestic and International orders. We maintain 99% availability of the industry’s broadest selection of RF, microwave and
fiber optic products.
PE4323
PE4323 REV


Similar Part No. - PE4323

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4323 PASTERNACK-PE4323 Datasheet
438Kb / 3P
LC Male Connector Clamp/Solder Attachment
PE4323 PASTERNACK-PE4323_16 Datasheet
438Kb / 3P
LC Male Connector Clamp/Solder Attachment
More results

Similar Description - PE4323

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4433 PASTERNACK-PE4433 Datasheet
215Kb / 2P
N Male Connector Clamp/Solder Attachment For RG218
PE44277 PASTERNACK-PE44277 Datasheet
217Kb / 2P
7/16 DIN Male Connector Clamp/Solder Attachment For RG218
PE44451 PASTERNACK-PE44451 Datasheet
237Kb / 3P
LC Female Connector Clamp/Solder Attachment For RG218
PE4977 PASTERNACK-PE4977 Datasheet
236Kb / 3P
SC Male Connector Clamp/Solder Attachment For RG218
PE4476 PASTERNACK-PE4476 Datasheet
218Kb / 2P
HN Male Connector Clamp-Solder Attachment For RG17, RG218
PE4954 PASTERNACK-PE4954 Datasheet
226Kb / 2P
C Male Connector Clamp-Solder Attachment For RG218
PE44449 PASTERNACK-PE44449 Datasheet
222Kb / 3P
LC Male Right Angle Connector Clamp - Solder Attachment For RG218
PE4563 PASTERNACK-PE4563_16 Datasheet
318Kb / 3P
LC Male Connector Clamp/Solder Attachment
PE4564 PASTERNACK-PE4564_16 Datasheet
403Kb / 3P
LC Male Connector Clamp/Solder Attachment
PE4565 PASTERNACK-PE4565_16 Datasheet
333Kb / 3P
LC Male Connector Clamp/Solder Attachment
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com