Electronic Components Datasheet Search
  English  ▼

X  

PE4333 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4333
Description  SSMB Jack Bulkhead Connector Solder Attachment Turret Terminal, .126 inch D Hole, Rear Mount
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4333 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4333 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4333 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
SHV Plug Connector Clamp/Solder Attachment For
RG213, RG214, RG8, RG9, RG225, RG393
SHV Plug Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG225, RG393
Configuration
Connector
SHV Plug
Connector Specification
MIL-C-39012
Connector Interface Type
RG213,RG214,RG8,RG9,RG225,RG393
Cable Attachment Method (Shield/Contact)
Clamp/Solder
Body Style
Straight
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
2 [50.8]
Width/Dia., in [mm]
0.75 [19]
.
Weight, lbs [g]
0.096 [43.54]
Connector
Type
SHV Plug
Contact Material and Plating
Brass, Gold
Contact Plating Specification
3µ - 5µ in. minimum
Coupling Nut Material and Plating
Brass, Nickel
Coupling Nut Plating Specification
100µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/shv-plug-standard-rg213-rg214-rg8-rg9-rg225-rg393-connector-pe4333-p.aspx
SHV Plug Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG225, RG393 from Pasternack Enterprises
has same day shipment for domestic and International orders. We maintain 99% availability of the industry’s broadest selection
of RF, microwave and fiber optic products.
PE4333
PE4333 REV


Similar Part No. - PE4333

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4333 PASTERNACK-PE4333 Datasheet
326Kb / 3P
SHV Plug Connector Clamp/Solder Attachment
PE4333 PASTERNACK-PE4333_17 Datasheet
326Kb / 3P
SHV Plug Connector Clamp/Solder Attachment
More results

Similar Description - PE4333

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4338 PASTERNACK-PE4338 Datasheet
855Kb / 2P
SSMB Jack Bulkhead Connector Solder Attachment Turret Terminal, .126 inch D Hole, Rear Mount
PE4339 PASTERNACK-PE4339 Datasheet
221Kb / 3P
SSMB Jack Bulkhead Connector Solder Attachment Turret Terminal, .126 inch D Hole, Front Mount
PE4337 PASTERNACK-PE4337 Datasheet
226Kb / 3P
SSMB Jack Bulkhead Connector Crimp/Solder Attachment For RG178, RG196, .126 inch D Hole
PE4561 PASTERNACK-PE4561 Datasheet
218Kb / 2P
MCX Jack Bulkhead Connector Solder Attachment Turret Terminal, .177 inch D Hole
PE4336 PASTERNACK-PE4336 Datasheet
217Kb / 2P
SSMB Jack Bulkhead Connector Crimp - Solder Attachment For RG174, RG179, RG316, RG188, .126 inch D Hole
PE44842 PASTERNACK-PE44842 Datasheet
243Kb / 2P
SSMB Jack Bulkhead Connector Crimp - Solder Attachment For RG316-DS, RG188-DS, .126 inch D Hole
PE4561 PASTERNACK-PE4561_16 Datasheet
321Kb / 3P
MCX Jack Bulkhead Mount Connector Solder Attachment Turret Terminal
PE4339 PASTERNACK-PE4339_16 Datasheet
316Kb / 3P
SSMB Jack Bulkhead Mount Connector Solder Attachment
PE45375 PASTERNACK-PE45375 Datasheet
437Kb / 4P
SSMC Jack Bulkhead Mount Connector Solder Attachment Turret Terminal
PE45390 PASTERNACK-PE45390 Datasheet
440Kb / 4P
SSMC Jack Bulkhead Mount Connector Solder Attachment Turret Terminal
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com