Electronic Components Datasheet Search
  English  ▼

X  

PE4338 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4338
Description  SSMB Jack Bulkhead Connector Solder Attachment Turret Terminal, .126 inch D Hole, Rear Mount
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4338 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4338 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4338 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
SSMB Jack Bulkhead Connector Solder Attachment Turret Terminal, .126 inch D Hole, Rear Mount
Configuration
Connector
SSMB Jack
Connector Interface Type
Turret
Cable Attachment Method (Shield/Contact)
Solder
Body Style
Straight
Mount Method
Bulkhead
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
0.51 [12.95]
Width/Dia., in [mm]
0.156 [3.96]
.
Weight, lbs [g]
0.002 [0.91]
Connector
Type
SSMB Jack
Contact Material and Plating
Gold
Body Material and Plating
Brass, Gold
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
SSMB Jack Bulkhead Connector SolderAttachment Turret Terminal, .126 inch D Hole, Rear Mount from Pasternack Enterprises
has same day shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99%
availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SSMB Jack Bulkhead Connector Solder Attachment Turret Terminal, .126 inch D Hole, Rear
Mount PE4338
URL: http://www.pasternack.com/ssmb-jack-standard-turret-terminal-connector-pe4338-p.aspx
PE4338
PE4338 REV
SSMB Jack Bulkhead Connector Solder Attachment
Turret Terminal, .126 inch D Hole, Rear Mount


Similar Part No. - PE4338

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4330 PASTERNACK-PE4330 Datasheet
317Kb / 2P
N Male Connector Crimp/Solder Attachment For RG59,RG62
PE4330 PASTERNACK-PE4330 Datasheet
408Kb / 3P
N Female Connector Clamp/Solder Attachment
PE4330 PASTERNACK-PE4330_17 Datasheet
408Kb / 3P
N Female Connector Clamp/Solder Attachment
PE4331 PASTERNACK-PE4331 Datasheet
312Kb / 2P
N Male Connector Clamp/Solder Attachment For RG59, RG62
PE4331 PASTERNACK-PE4331 Datasheet
403Kb / 4P
N Male Connector Clamp/Solder Attachment
More results

Similar Description - PE4338

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4333 PASTERNACK-PE4333 Datasheet
300Kb / 2P
SSMB Jack Bulkhead Connector Solder Attachment Turret Terminal, .126 inch D Hole, Rear Mount
PE4339 PASTERNACK-PE4339 Datasheet
221Kb / 3P
SSMB Jack Bulkhead Connector Solder Attachment Turret Terminal, .126 inch D Hole, Front Mount
PE4337 PASTERNACK-PE4337 Datasheet
226Kb / 3P
SSMB Jack Bulkhead Connector Crimp/Solder Attachment For RG178, RG196, .126 inch D Hole
PE4561 PASTERNACK-PE4561 Datasheet
218Kb / 2P
MCX Jack Bulkhead Connector Solder Attachment Turret Terminal, .177 inch D Hole
PE4336 PASTERNACK-PE4336 Datasheet
217Kb / 2P
SSMB Jack Bulkhead Connector Crimp - Solder Attachment For RG174, RG179, RG316, RG188, .126 inch D Hole
PE44842 PASTERNACK-PE44842 Datasheet
243Kb / 2P
SSMB Jack Bulkhead Connector Crimp - Solder Attachment For RG316-DS, RG188-DS, .126 inch D Hole
PE4561 PASTERNACK-PE4561_16 Datasheet
321Kb / 3P
MCX Jack Bulkhead Mount Connector Solder Attachment Turret Terminal
PE4339 PASTERNACK-PE4339_16 Datasheet
316Kb / 3P
SSMB Jack Bulkhead Mount Connector Solder Attachment
PE45375 PASTERNACK-PE45375 Datasheet
437Kb / 4P
SSMC Jack Bulkhead Mount Connector Solder Attachment Turret Terminal
PE45390 PASTERNACK-PE45390 Datasheet
440Kb / 4P
SSMC Jack Bulkhead Mount Connector Solder Attachment Turret Terminal
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com