Electronic Components Datasheet Search
  English  ▼

X  

PE4368 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4368
Description  75 Ohm SMB Plug Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4368 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4368 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4368 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
75 Ohm SMB Plug Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
Configuration
Connector
SMB Plug
Connector Interface Type
Thru Hole
Cable Attachment Method (Shield/Contact)
Solder
Body Style
Straight
Electrical Specifications
Impedance, Ohms
75
Mechanical Specifications
Size
Length, in [mm]
0.484 [12.29]
Width/Dia., in [mm]
0.362 [9.19]
.
Weight, lbs [g]
0.006 [2.72]
Connector
Type
SMB Plug
Contact Material and Plating
Gold
Body Material and Plating
Brass, Gold
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
75 Ohm SMB Plug Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing from Pasternack
Enterprises has same day shipment for domestic and International orders. Our RF, microwave and fiber optic products
maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm SMB Plug Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole
Spacing PE4368
URL: http://www.pasternack.com/smb-plug-standard-thru-hole-pcb-connector-pe4368-p.aspx
PE4368
PE4368 REV
75 Ohm SMB Plug Connector Solder Attachment Thru
Hole PCB, .200 inch x .067 inch Hole Spacing


Similar Part No. - PE4368

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4360 PASTERNACK-PE4360 Datasheet
120Kb / 1P
SMB JACK SOLDER/CLAMP ATTACHMENT FOR RG405 PE-SR405AL &PE-SR405FL
logo
Peregrine Semiconductor...
PE43601 PEREGRINE-PE43601 Datasheet
394Kb / 13P
RF Digital Attenuator 6-bit, 15.75dB, DC-6.0 GHz
logo
Peregrine Semiconductor
PE43601 PSEMI-PE43601 Datasheet
413Kb / 13P
RF Digital Attenuator
logo
Peregrine Semiconductor...
PE43601 PEREGRINE-PE43601 Datasheet
413Kb / 13P
50 廓 RF Digital Attenuator
logo
Peregrine Semiconductor
PE43601 PSEMI-PE43601_14 Datasheet
991Kb / 13P
50 廓 RF Digital Attenuator
More results

Similar Description - PE4368

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4366 PASTERNACK-PE4366 Datasheet
234Kb / 2P
SMB Plug Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE4292 PASTERNACK-PE4292 Datasheet
221Kb / 3P
75 Ohm SMB Plug Right Angle Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE4369 PASTERNACK-PE4369 Datasheet
234Kb / 2P
75 Ohm SMC Plug Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE4110 PASTERNACK-PE4110 Datasheet
220Kb / 3P
75 Ohm SMB Jack Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE4293 PASTERNACK-PE4293 Datasheet
221Kb / 3P
75 Ohm SMC Plug Right Angle Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE4174 PASTERNACK-PE4174 Datasheet
257Kb / 1P
SMB Jack Connector Solder Attachment Thru Hole PCB, .200 inch x 067 inch Hole Spacing
PE4179 PASTERNACK-PE4179 Datasheet
245Kb / 3P
75 Ohm SMB Jack Right Angle Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE4110 PASTERNACK-PE4110_16 Datasheet
318Kb / 3P
75 Ohm SMB Jack Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE4366 PASTERNACK-PE4366_16 Datasheet
345Kb / 3P
SMB Plug Connector Solder Attachment Thru Hole PCB .200 inch x .067 inch Hole Spacing
PE4367 PASTERNACK-PE4367_16 Datasheet
316Kb / 3P
SMC Plug Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com