Electronic Components Datasheet Search
  English  ▼

X  

CT2542 Datasheet(PDF) 4 Page - Aeroflex Circuit Technology

Part # CT2542
Description  CT 2542 Dual Redundant Remote Terminal FOR MIL-STD-1553B
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

CT2542 Datasheet(HTML) 4 Page - Aeroflex Circuit Technology

  CT2542 Datasheet HTML 1Page - Aeroflex Circuit Technology CT2542 Datasheet HTML 2Page - Aeroflex Circuit Technology CT2542 Datasheet HTML 3Page - Aeroflex Circuit Technology CT2542 Datasheet HTML 4Page - Aeroflex Circuit Technology CT2542 Datasheet HTML 5Page - Aeroflex Circuit Technology CT2542 Datasheet HTML 6Page - Aeroflex Circuit Technology CT2542 Datasheet HTML 7Page - Aeroflex Circuit Technology CT2542 Datasheet HTML 8Page - Aeroflex Circuit Technology CT2542 Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Aeroflex Circuit Technology
SCDCT2542 REV C 8/11/98 Plainview NY (516) 694-6700
4
Logic Characteristics
Symbol
Parameter
Min
Typ
Max
Units
Conditions
VIH
Input "1"
2.4
VDC
VIL
Input "0"
0.7
VDC
IIL
Input l
-80
-400
µA
Note 1A
IIH
Input l
-40
-200
µA
Note 1B
IIL
Input l
-20
+20
µA
Note 2A
IIH
Input l
-20
+20
µA
Note 1B
IIL
Input l
-20
-200
µA
Note 5
IIH
Input l
-40
-400
µA
VOH
Output "1"
2.7
VDC
Note 3A/4A
VOL
Output "0"
0.4
VDC
Note 3B/4B
Note 1
For INPUT pins 12,13,14,15, 53, 54, 55.
VCC= 5.5V
A. @ VIL = 0.4V
B. @ VIH = 2.4V
Note 2
All remaining INPUTS other than in Note 1.
VCC= 5.5V
A. @ VIL = 0.4V
B. @ VIH = 2.4V
Note 3
For OUTPUT pins 4 through 11 and 43 through 50.
A. @ VCC = 4.5V and IOH = 2mA
B. @ VCC = 4.5V and IOL = 4mA
Note 4
All remaining OUTPUTS other than in Note 3.
A. @ VCC = 4.5V and IOH = 1mA
B. @ VCC = 4.5V and IOL = 2mA
Note 5
For INPUT pins 4-11, 43-50.
VCC= 5.5V
A. @ VIL = 0.4V
B. @ VIH = 2.4V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com