Electronic Components Datasheet Search
  English  ▼

X  

PE44000 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44000
Description  SMA Female Connector Field Replaceable Attachment 4 Hole Flange 0.012 inch Pin, .375 inch Flange Size
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44000 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44000 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44000 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
SMA Female Connector Field Replaceable Attachment 4 Hole Flange 0.012 inch Pin, .375 inch Flange
Size
Configuration
Connector
SMA Female
Connector Interface Type
0.012 inch Pin
Cable Attachment Method (Shield/Contact)
Field Replaceable
Body Style
Straight
Mount Method
4 Hole Flange
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
0.375 [9.53]
Width/Dia., in [mm]
0.375 [9.53]
Height, in [mm]
0.375 [9.53]
.
Weight, lbs [g]
0.006 [2.72]
Connector
Type
SMA Female
Contact Material and Plating
Gold
Body Material and Plating
Passivated Stainless Steel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
SMA Female Connector Field Replaceable Attachment 4 Hole Flange 0.012 inch Pin, .375 inch Flange Size from Pasternack
Enterprises has same day shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain
a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Female Connector Field Replaceable Attachment 4 Hole Flange 0.012 inch Pin, .375 inch
Flange Size PE44000
URL: http://www.pasternack.com/sma-female-standard-0.012-pin-connector-pe44000-p.aspx
PE44000
PE44000 REV
SMA Female Connector Field Replaceable Attachment
4 Hole Flange 0.012 inch Pin, .375 inch Flange Size


Similar Part No. - PE44000

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4400 PASTERNACK-PE4400 Datasheet
274Kb / 3P
SMA Male Connector Clamp/Solder Attachment For RG188-DS, RG316-DS
PE4400 PASTERNACK-PE4400 Datasheet
357Kb / 3P
SMA Male Connector Clamp/Solder Attachment
PE44001 PASTERNACK-PE44001 Datasheet
207Kb / 3P
SMA Female Connector Field Replaceable Attachment 4 Hole Flange 0.015 inch Pin, .375 inch Flange Size
PE44002 PASTERNACK-PE44002 Datasheet
201Kb / 2P
SMA Female Connector Field Replaceable Attachment
PE44003 PASTERNACK-PE44003 Datasheet
208Kb / 3P
SMA Female Connector Field Replaceable Attachment 4 Hole Flange 0.020 inch Pin, .375 inch Flange Size
More results

Similar Description - PE44000

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44007 PASTERNACK-PE44007 Datasheet
247Kb / 3P
SMA Male Connector Field Replaceable Attachment 4 Hole Flange 0.018 inch Pin, .375 inch Flange Size
PE44005 PASTERNACK-PE44005 Datasheet
243Kb / 3P
SMA Male Connector Field Replaceable Attachment 4 Hole Flange 0.012 inch Pin, .375 inch Flange Size
PE44014 PASTERNACK-PE44014 Datasheet
220Kb / 3P
SMA Female Connector Field Replaceable Attachment 4 Hole Flange 0.012 inch Pin, .375 inch Flange Size
PE44018 PASTERNACK-PE44018 Datasheet
244Kb / 3P
SMA Male Connector Field Replaceable Attachment 4 Hole Flange 0.012 inch Pin, .375 inch Flange Size
PE44027 PASTERNACK-PE44027 Datasheet
220Kb / 3P
SMA Female Connector Field Replaceable Attachment 4 Hole Flange 0.012 inch Pin, .375 inch Flange Size
PE44001 PASTERNACK-PE44001 Datasheet
207Kb / 3P
SMA Female Connector Field Replaceable Attachment 4 Hole Flange 0.015 inch Pin, .375 inch Flange Size
PE44003 PASTERNACK-PE44003 Datasheet
208Kb / 3P
SMA Female Connector Field Replaceable Attachment 4 Hole Flange 0.020 inch Pin, .375 inch Flange Size
PE44004 PASTERNACK-PE44004 Datasheet
208Kb / 3P
SMA Female Connector Field Replaceable Attachment 4 Hole Flange 0.020 inch Pin, .375 inch Flange Size
PE44010 PASTERNACK-PE44010 Datasheet
208Kb / 3P
SMA Female Connector Field Replaceable Attachment 4 Hole Flange 0.012 inch Pin, .500 inch Flange Size
PE44012 PASTERNACK-PE44012 Datasheet
210Kb / 3P
SMA Female Connector Field Replaceable Attachment 4 Hole Flange 0.012 inch Pin, .500 inch Flange Size
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com