Electronic Components Datasheet Search
  English  ▼

X  

PE44016 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44016
Description  SMA Female Right Angle Connector Field Replaceable Attachment 4 Hole Flange 0.015 inch Pin
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44016 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44016 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44016 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44016 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
SMA Female Right Angle Connector Field Replaceable Attachment 4 Hole Flange 0.015 inch Pin
Configuration
Connector
SMA Female
Connector Specification
MIL-STD-348
Connector Interface Type
0.015 inch Pin
Cable Attachment Method (Shield/Contact)
Field Replaceable
Body Style
Right Angle
Mount Method
4 Hole Flange
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
4.85 [123.19]
Width/Dia., in [mm]
0.585 [14.86]
Height, in [mm]
0.5 [12.7]
.
Weight, lbs [g]
0.013 [5.9]
Connector
Type
SMA Female
Contact Material and Plating
Beryllium Copper, Gold
Contact Plating Specification
MIL-G-45204
Body Material and Plating
Passivated Stainless Steel
Body Plating Specification
QQ-P-35
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Female Right Angle Connector Field Replaceable Attachment 4 Hole Flange 0.015 inch
Pin PE44016
PE44016
PE44016 REV
SMA Female Right Angle Connector Field Replaceable
Attachment 4 Hole Flange 0.015 inch Pin


Similar Part No. - PE44016

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4401 PASTERNACK-PE4401 Datasheet
263Kb / 3P
SMA Male Connector Crimp - Solder Attachment For RG188-DS, RG316-DS
PE4401 PASTERNACK-PE4401 Datasheet
353Kb / 3P
SMA Male Connector Crimp/Solder Attachment
PE44010 PASTERNACK-PE44010 Datasheet
208Kb / 3P
SMA Female Connector Field Replaceable Attachment 4 Hole Flange 0.012 inch Pin, .500 inch Flange Size
PE44010 PASTERNACK-PE44010 Datasheet
208Kb / 3P
SMA Female Connector Field Replaceable Attachment 4 Hole Flange 0.015 inch Pin, .500 inch Flange Size
PE44011 PASTERNACK-PE44011 Datasheet
209Kb / 3P
SMA Female Connector Field Replaceable Attachment 4 Hole Flange 0.015 inch Pin, .500 inch Flange Size
More results

Similar Description - PE44016

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44029 PASTERNACK-PE44029 Datasheet
825Kb / 3P
SMA Male Connector Field Replaceable Attachment 2 Hole Flange 0.015 inch Pin
PE44014 PASTERNACK-PE44014 Datasheet
220Kb / 3P
SMA Female Connector Field Replaceable Attachment 4 Hole Flange 0.012 inch Pin, .375 inch Flange Size
PE44027 PASTERNACK-PE44027 Datasheet
220Kb / 3P
SMA Female Connector Field Replaceable Attachment 4 Hole Flange 0.012 inch Pin, .375 inch Flange Size
PE44006 PASTERNACK-PE44006 Datasheet
246Kb / 3P
SMA Male Connector Field Replaceable Attachment 4 Hole Flange 0.015 inch Pin, .375 inch Flange Size
PE44015 PASTERNACK-PE44015 Datasheet
218Kb / 3P
SMA Female Right Angle Connector Field Replaceable Attachment 4 Hole Flange 0.012 inch Pin
PE44017 PASTERNACK-PE44017 Datasheet
239Kb / 2P
SMA Female Right Angle Connector Field Replaceable Attachment 4 Hole Flange 0.018 inch Pin
PE44024 PASTERNACK-PE44024 Datasheet
221Kb / 3P
SMA Female Connector Field Replaceable Attachment 2 Hole Flange 0.015 inch Pin
PE44001 PASTERNACK-PE44001 Datasheet
207Kb / 3P
SMA Female Connector Field Replaceable Attachment 4 Hole Flange 0.015 inch Pin, .375 inch Flange Size
PE44010 PASTERNACK-PE44010 Datasheet
208Kb / 3P
SMA Female Connector Field Replaceable Attachment 4 Hole Flange 0.015 inch Pin, .500 inch Flange Size
PE44011 PASTERNACK-PE44011 Datasheet
209Kb / 3P
SMA Female Connector Field Replaceable Attachment 4 Hole Flange 0.015 inch Pin, .500 inch Flange Size
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com