Electronic Components Datasheet Search
  English  ▼

X  

2561 Datasheet(PDF) 7 Page - Aeroflex Circuit Technology

Part # 2561
Description  CT2561 Bus Controller, Remote Terminal and BUS Monitor FOR MIL-STD-1553B
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

2561 Datasheet(HTML) 7 Page - Aeroflex Circuit Technology

  2561 Datasheet HTML 1Page - Aeroflex Circuit Technology 2561 Datasheet HTML 2Page - Aeroflex Circuit Technology 2561 Datasheet HTML 3Page - Aeroflex Circuit Technology 2561 Datasheet HTML 4Page - Aeroflex Circuit Technology 2561 Datasheet HTML 5Page - Aeroflex Circuit Technology 2561 Datasheet HTML 6Page - Aeroflex Circuit Technology 2561 Datasheet HTML 7Page - Aeroflex Circuit Technology 2561 Datasheet HTML 8Page - Aeroflex Circuit Technology 2561 Datasheet HTML 9Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Aeroflex Circuit Technology
7
SCDCT2561 REV A 8/16/99 Plainview NY (516) 694-6700
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
RT/BC
BCSTART
MT
NBGRNT
STATEN
BITEN
TIMEOUT
WR
HSFAIL
BUSGRNT
DBACCEPT
LOOPERR
SSFLAG
SSBUSY
SVCREQ
ILLCMD
INCMD
ADRINC
SSER
CASE GND
TESTOUT
WC0
WC1
WC2
WC3
WC4
TXINH B
TXINH A
T/R
LMC
CHB/CHA
TESTIN
CS
EOM
OE
BUFENA
BUSREQ
BUSACK
+5V
DB0 (LSB)
DB1
DB2
DB3
DB4
DB5
DB6
DB7
DB8
DB9
DB10
DB11
DB12
DB13
DB14
DB15 (MSB)
LWORD
STATERR
MSGERR
TXDATA A
TXDATA A
RXDATA A
RXDATA A
NODT
RTADP
RTAD0
RTAD1
RTAD2
RTAD3
RTAD4
RESET
BCSTRCV
TXDATA B
TXDATA B
RXDATA B
RXDATA B
16MHz
SOM
GROUND
Table 2 – CT2561 Pin Out Description
(FP)
Pin
#
Function
Pin
#
Function
1
N/C
42
N/C
2
RT/BC
43
GROUND
3
BCSTART
44
SOM
4
MT
45
16MHz
5
NBGRNT
46
RXDATA B
6
STATEN
47
RXDATA B
7
BITEN
48
TXDATA B
8
TIMEOUT
49
TXDATA B
9
WR
50
BCSTRCV
10
HSFAIL
51
RESET
11
BUSGRNT
52
RTAD4
12
DBACCEPT
53
RTAD3
13
LOOPERR
54
RTAD2
14
SSFLAG
55
RTAD1
15
SSBUSY
56
RTAD0
16
SVCREQ
57
RTADP
17
ILLCMD
58
NODT
18
INCMD
59
RXDATA A
19
ADRINC
60
RXDATA A
20
SSER
61
TXDATA A
21
CASE GND
62
TXDATA A
22
TESTOUT
63
MSGERR
23
WC0
64
STATERR
24
WC1
65
LWORD
25
WC2
66
DB15 (MSB)
26
WC2
67
DB14
27
WC4
68
DB13
28
TXINH B
69
DB12
29
TXINH A
70
DB11
30
T/R
71
DB10
31
LMC
72
DB9
32
CHB/CHA
73
DB8
33
TESTIN
74
DB7
34
CS
75
DB6
35
EOM
76
DB5
36
OE
77
DB4
37
BUFENA
78
DB3
38
BUSREQ
79
DB2
39
BUSACK
80
DB1
40
+5V
81
DB0 (LSB)
41
N/C
82
N/C
Flat Package Pin Connection Diagram, CT2561 and Pinout
1
2
N/C
N/C
N/C
N/C
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
82
81
CT2561FP
MIL-STD-1553
BUS Controller,
Remote Terminal and
BUS MONITOR



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com