Electronic Components Datasheet Search
  English  ▼

X  

CT2577 Datasheet(PDF) 40 Page - Aeroflex Circuit Technology

Part # CT2577
Description  APPLICATION NOTE 108
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

CT2577 Datasheet(HTML) 40 Page - Aeroflex Circuit Technology

Back Button CT2577 Datasheet HTML 33Page - Aeroflex Circuit Technology CT2577 Datasheet HTML 34Page - Aeroflex Circuit Technology CT2577 Datasheet HTML 35Page - Aeroflex Circuit Technology CT2577 Datasheet HTML 36Page - Aeroflex Circuit Technology CT2577 Datasheet HTML 37Page - Aeroflex Circuit Technology CT2577 Datasheet HTML 38Page - Aeroflex Circuit Technology CT2577 Datasheet HTML 39Page - Aeroflex Circuit Technology CT2577 Datasheet HTML 40Page - Aeroflex Circuit Technology CT2577 Datasheet HTML 41Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 40 / 41 page
background image
40
APPLICATION NOTE #108
Released 9/98
CT2577-10-xx-P119 Pinouts – 119 Pin Grid Array
Pin #
Description
Pin #
Description
Pin #
Description
A1
VME
D3
T 13
L1
ADIN 4
A2
T 11
D11
T 2
L2
NME
A3
T 9
D12
DATA 7
L3
EOT
A4
T 8
D13
DATA 6
L4
ADDR B
A5
N/C
E1
NSYNC
L5
NACK
A6
N/C
E2
BCNRT
L6
NDATA 0 (BUS)
A7
NENBTL
E3
T 15
L7
VDD
A8
DATA 15
E11
T 0
L8
NINHST
A9
DATA 1(BUS)
E12
WRAPEN
L9
ADIN 3
A10
T 7
E13
DATA 5
L10
ADIN 0
A11
T 6
F1
MCAIR
L11
NCMDSTRB
A12
DATA 12
F2
N/C
L12
NDBCA
A13
T 3
F3
ADIN 8
L13
NTXINH 1
B1
ADIN 11
F11
DATA 4
M1
SELEN 0
B2
T 12
F12
NSR
M2
NDBC
B3
N/C
F13
DATA 3
M3
ADDR C
B4
N/C
G1
NVALCHK
M4
NRD
B5
N/C
G2
ADIN 7
M5
N/C
B6
N/C
G3
STATUS
M6
NSTSTRB
B7
VSS
G11
DATA 2
M7
VSS
B8
NFULL
G12
STREL
M8
INHMC
B9
N/C
G13
NHDR
M9
LA
B10
DATA 13
H1
ADIN 6
M10
ADIN 2
B11
T 4
H2
NENCHK
M11
NRES
B12
DATA 10
H3
MCDET
M12
N/C
B13
DATA 9
H11
NBUSY
M13
NTXINH 0
C1
T 14
H12
N/C
N1
ADDR D
C2
INITWD
H13
NBIT16
N2
NWR
C4
T 10
J1
WATCHDOG
N3
ADDR A
C5
N/C
J2
NVCR
N4
ADDR P
C6
NILLCMD
J3
NTF
N5
DATA 0(BUS)
C7
VDD
J11
DATA 0
N6
NCARDEN
C8
NDATA 1(BUS)
J12
NSSFLAG
N7
ERROR
C9
DATA 14
J13
UB
N8
N/C
C10
T 5
K1
BCST
N9
C16MHZ
C11
DATA 11
K2
ADIN 5
N10
NDATA
C12
T 1
K3
ADDR E
N11
ADIN 1
C13
DATA 8
K11
NNEWBUS
N12
N/C
D1
ADIN 9
K12
SELEN 1
N13
NEMPTY
D2
ADIN 10
K13
DATA 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com