Electronic Components Datasheet Search
  English  ▼

X  

PE44080 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44080
Description  SHV Jack Bulkhead Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400, .480 inch D Hole
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44080 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44080 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44080 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
SHV Jack Bulkhead Connector Clamp/Solder Attachment For
RG58, RG55, RG141, RG142, RG223, RG400, .480 inch D Hole
SHV Jack Bulkhead Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223,
RG400, .480 inch D Hole
Configuration
Connector
SHV Jack
Connector Specification
MIL-STD-348
Connector Interface Type
RG58,RG55,RG141,RG142,RG223,RG400
Cable Attachment Method (Shield/Contact)
Clamp/Solder
Body Style
Straight
Mount Method
Bulkhead
Electrical Specifications
Impedance, Ohms
50
Maximum Operating Voltage, Volts
3,500
Dielectric Withstanding Voltage, Vrms
5,000
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
1.83 [46.48]
Width/Dia., in [mm]
0.687 [17]
.
Weight, lbs [g]
0.068 [30.84]
Connector
Type
SHV Jack
Contact Material and Plating
Brass, Silver
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/shv-jack-standard-rg58-rg55-rg141-rg142-rg223-rg400-connector-pe44080-p.aspx
SHV Jack Bulkhead Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400, .480 inch D
Hole from Pasternack Enterprises has same day shipment for domestic and International orders. We maintain 99% availability
of the industry’s broadest selection of RF, microwave and fiber optic products.
PE44080
PE44080 REV


Similar Part No. - PE44080

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4408 PASTERNACK-PE4408 Datasheet
285Kb / 3P
SMA Male Right Angle Connector Crimp - Solder Attachment For RG188-DS, RG316-DS
PE4408 PASTERNACK-PE4408 Datasheet
370Kb / 3P
SMA Male Right Angle Connector Crimp/Solder Attachment
PE44081 PASTERNACK-PE44081 Datasheet
88Kb / 1P
MINI UHF MALE RIGHT ANGLE CRIMP ATTACHMENT FOR RG55 RG141 RG142 RG223 &RG400
PE44082 PASTERNACK-PE44082 Datasheet
261Kb / 2P
Mini UHF Male Right Angle Connector Crimp - Solder Attachment For RG58
PE44083 PASTERNACK-PE44083 Datasheet
89Kb / 1P
MINI UHF FEMALE CRIMP ATTACHMENT FOR RG55 RG141 RG142 RG223 &RG400
More results

Similar Description - PE44080

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4072 PASTERNACK-PE4072 Datasheet
306Kb / 2P
N Female Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE4242 PASTERNACK-PE4242 Datasheet
300Kb / 2P
C Male Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE4078 PASTERNACK-PE4078 Datasheet
313Kb / 3P
BNC Female Bulkhead Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400, .480 inch D Hole
PE44052 PASTERNACK-PE44052 Datasheet
274Kb / 2P
UHF Male Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE44099 PASTERNACK-PE44099 Datasheet
241Kb / 3P
C Female Bulkhead Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400, .596 inch D Hole
PE4152 PASTERNACK-PE4152 Datasheet
317Kb / 2P
TNC Female Bulkhead Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400, .480 inch D Hole
PE4198 PASTERNACK-PE4198 Datasheet
309Kb / 3P
HN Male Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE4694 PASTERNACK-PE4694 Datasheet
234Kb / 3P
RP TNC Female Bulkhead Connector Clamp/ Solder Attachment For RG58, RG55, RG141 RG142, RG223, RG400, .480 inch D Hole
PE4965 PASTERNACK-PE4965 Datasheet
241Kb / 3P
C Female Bulkhead Connector Clamp-Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400, .720 inch D Hole
PE4316 PASTERNACK-PE4316 Datasheet
306Kb / 3P
SHV Plug Connector Clamp - Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com