Electronic Components Datasheet Search
  English  ▼

X  

CT2579 Datasheet(PDF) 15 Page - Aeroflex Circuit Technology

Part # CT2579
Description  APPLICATION NOTE 108
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

CT2579 Datasheet(HTML) 15 Page - Aeroflex Circuit Technology

Back Button CT2579 Datasheet HTML 11Page - Aeroflex Circuit Technology CT2579 Datasheet HTML 12Page - Aeroflex Circuit Technology CT2579 Datasheet HTML 13Page - Aeroflex Circuit Technology CT2579 Datasheet HTML 14Page - Aeroflex Circuit Technology CT2579 Datasheet HTML 15Page - Aeroflex Circuit Technology CT2579 Datasheet HTML 16Page - Aeroflex Circuit Technology CT2579 Datasheet HTML 17Page - Aeroflex Circuit Technology CT2579 Datasheet HTML 18Page - Aeroflex Circuit Technology CT2579 Datasheet HTML 19Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 41 page
background image
15
APPLICATION NOTE #108
Released 9/98
by the 1553 and the BTL buffer memory is full). If the BTL memory is not fully loaded, the
subsystem can continue to load the BTL memory until full (write to 00 indicates a full
condition). When the 1553 is complete the burst transfer will take place and then unlock
the subsystem.
7. Once the burst transfer has commenced it will complete, thus ensuring data consistency.
The DMA cycle begins after the rising edge of NCMDSTRB. All requested data words are
placed in an internal buffer FIFO. This is done to double buffer the outgoing data as a
contiguous block and free up the internal RAM as quickly as possible. The DMA cycle
transfers words from internal RAM at a rate of one word each 1 µSec. The maximum DMA
cycle time would occur for a 32 data word transfer or 32 µSec. Maximum subsystem hold-off
time would be 8.5µSec + 32 µSec for a total of 40.5 µSec.
CHANGING THE STATUS WORD BITS
There are four Status word bits that can be altered by the subsystem through simple write
operations. These four bits and addresses are as follows:
SERVREQ
0 0 00 08
008h
BUSY
0 0 00 04
004h
SSFLAG
0 0 00 02
002h
DBCA
0 0 00 01
001h
See Memory Map for further details.
DEVICE STATUS
The status of the device may be determined by reading from location 0 00 01, the status bits
and BTL status will be available on DATA pins 0-7.
DATA0
DBCA
DATA1
SSFLAG
DATA2
SSBUSY
DATA3
SERVREQ
DATA4
BTL WRITE ENABLED
DATA5
BTL READ ENABLED
DATA6
OFF-LINE SELF TEST ENABLED
DATA7
ON-LINE SELF TEST ENABLED
See Memory Map for further details.
BIT REGISTER
With MCAIR (pin F1) disabled, writing data to 0 1 00 13 or 0 1 1F 13 will set the content of
the BIT register. The data may also be read from these locations. This register is
non-resetable. See Memory Map for further details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com