Electronic Components Datasheet Search
  English  ▼

X  

CT2556 Datasheet(PDF) 10 Page - Aeroflex Circuit Technology

Part # CT2556
Description  CT2553 / 2554 / 2555 / 2556 Advanced Integrated MUX (AIM) Hybrid FOR MIL-STD-1553
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

CT2556 Datasheet(HTML) 10 Page - Aeroflex Circuit Technology

Back Button CT2556 Datasheet HTML 6Page - Aeroflex Circuit Technology CT2556 Datasheet HTML 7Page - Aeroflex Circuit Technology CT2556 Datasheet HTML 8Page - Aeroflex Circuit Technology CT2556 Datasheet HTML 9Page - Aeroflex Circuit Technology CT2556 Datasheet HTML 10Page - Aeroflex Circuit Technology CT2556 Datasheet HTML 11Page - Aeroflex Circuit Technology CT2556 Datasheet HTML 12Page - Aeroflex Circuit Technology CT2556 Datasheet HTML 13Page - Aeroflex Circuit Technology CT2556 Datasheet HTML 14Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
Aeroflex Circuit Technology
10
SCDCT2553 REV B 8/6/99 Plainview NY (516) 694-6700
CPU TO REGISTER OPERATIONS. The CPU
selects a register by asserting MEM/REG low and
A2 to a logic 0 (for internal registers) or logic 1 (for
external registers) with A0 and A1 indicating the
appropriate register address (See Figures 28-32).
The signals EXTEN and EXTLD are used to
access the external registers.
CONFIGURATION REGISTER. The Configuration
Register is a 16-bit read/write register used to
define the 1553 operating mode (BC, RTU, or MT);
define selectable 1553 Status Word bits (RTU
only); select stop-on-error option; and support the
double buffering scheme (See Figure 11).
15
8 7
0
1 1 1 1 1 1 1 1
RTU/BC
SUBSYSTEM FLAG
MT
SERVICE REQUEST
CURRENT AREA B/A
BUSY
STOP ON ERROR
DB ACCEPT
BIT NAME
DEFINITION
SUBYSTEM FLAG
Sets/resets 1553 Status Word flag.
SERVICE REQUEST
Sets/resets 1553 Status Word flag.
BUSY
Sets/resets 1553 Status Word flag.
DB ACCEPT
Sets/resets 1553 Status Word flag.
STOP ON ERROR
BC will halt message transfer after
completing current EOM cycle.
CURRENT AREA B/A
Selects Current Area Pointers.
RTU/BC
RTU or BC-MT Operation Select.
Note: A logic 0 causes the corresponding bit within the RTU’s status
word to be set to a logic 1.
Figure 11 – Configuration Register
BIT15
BIT 14
Operation
0
0
BC
0
1
MT
1
0
RTU
1
1
Illegal
INTERRUPT MASK REGISTER (BC/RTU). This
register is a 16-bit read/write register used to
enable/mask interrupt conditions. If an interrupt
condition occurs and the corresponding Interrupt
Register bit has been enabled (set to logic 1) pin
72, INT will be pulsed low during the respective
End of Message (EOM) cycle (See Figure 12). Not
Used bit locations can optionally be used for
storing user flags.
START/RESET
REGISTER.
This
write-only
register is used to reset the CT2553 and to start
the BC and MT operations, as illustrated in
Figure 13.
15
9 8 7
4 3 2 1 0
1 1 1 1 1 1 1
NOT
USED
BC EOM
FORMAT ERROR/STATUS SET
NOT USED
EOM
INTERRUPT
DEFINITION
EOM
End of message. Set by CT2553 in BC or
RTU mode following each 1553 transfer
(regardless of validity).
FORMAT
ERROR/
STATUS SET
Set if one of the following occurs:.
Loop Test Failure: Received word does
not match last word transmitted.
Message Error: Received message
contained a violation of any of the 1553
message validation criteria (parity, sync,
manchester encoding, bit/word count, etc.)
Time-Out: Expected transmission was
not received during the allotted time.
Status Set: Received Status Word
contained status bit(s) set or address error.
BC EOM
Bus Controller End of Message. Set by the
CT2553 following transmission of all
messages within the current Message Block
(Current area message count = FFFF).
Figure 12 – Interrupt Mask Register
15
9 8 7
4 3 2 1 0
NOT USED
CONTROLLER START
RESET
BIT NAME
DEFINITION
CONTROLLER
START
Issued by the CPU to start
message block transmission (BC
Operation) or to begin reception of
1553 messages (MT Operation).
RESET
Issued by the CPU to place the
CT2553 in the power-on condition;
(1) aborts 1553 transfers currently
in progress, and (2) resets
Configuration and Interrupt Mask
Register bits (logic 0).
Figure 13 – Start/Reset Register
BIT 1
BIT 0
START
1
0
RESET
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com