Electronic Components Datasheet Search
  English  ▼

X  

PE44130 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44130
Description  SMC Jack Connector Solder Attachment 0.062 inch End Launch PCB, .030 inch Diameter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44130 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44130 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44130 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44130 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
SMC Jack Connector Solder Attachment 0.062 inch End Launch PCB, .030 inch Diameter
Configuration
Connector
SMC Jack
Connector Specification
MIL-STD-348A
Connector Interface Type
0.062 inch End Launch
Cable Attachment Method (Shield/Contact)
Solder
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 10
Impedance, Ohms
50
Maximum VSWR
1.3:1
Maximum Operating Voltage, Volts
335
Dielectric Withstanding Voltage, Vrms
1,000
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
0.562 [14.27]
Width/Dia., in [mm]
0.375 [9.53]
Height, in [mm]
0.312 [7.92]
.
Weight, lbs [g]
0.004 [1.81]
Connector
Type
SMC Jack
Contact Material and Plating
Brass, Gold
Contact Plating Specification
30µ in. minimum
Body Material and Plating
Brass, Gold
Body Plating Specification
3µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMC Jack Connector Solder Attachment 0.062 inch End Launch PCB, .030 inch Diameter
PE44130
PE44130
PE44130 REV
SMC Jack Connector Solder Attachment 0.062
inch End Launch PCB, .030 inch Diameter


Similar Part No. - PE44130

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4413 PASTERNACK-PE4413 Datasheet
107Kb / 1P
SMA FEMALE CRIMP ATTACHMENT FOR RG58
PE4413 PASTERNACK-PE4413 Datasheet
209Kb / 3P
SMA Female Connector Crimp/Solder Attachment
PE44131 PASTERNACK-PE44131 Datasheet
256Kb / 3P
75 Ohm Mini SMB Jack Connector Solder Attachment 0.062 inch End Launch PCB
PE44132 PASTERNACK-PE44132 Datasheet
223Kb / 3P
SMB Jack Connector Solder Attachment 0.042 inch End Launch PCB, .030 inch Diameter
PE44133 PASTERNACK-PE44133 Datasheet
205Kb / 2P
SMC Jack Connector Solder Attachment 0.042 inch End Launch PCB, .030 inch Diameter
More results

Similar Description - PE44130

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44205 PASTERNACK-PE44205 Datasheet
268Kb / 2P
SMA Female Connector Solder Attachment 0.047 inch End Launch PCB, .030 inch Diameter
PE44129 PASTERNACK-PE44129 Datasheet
285Kb / 2P
SMB Jack Connector Solder Attachment 0.062 inch End Launch PCB, .030 inch Diameter
PE44204 PASTERNACK-PE44204 Datasheet
223Kb / 3P
SMA Female Connector Solder Attachment 0.042 inch End Launch PCB, .030 inch Diameter
PE44235 PASTERNACK-PE44235 Datasheet
228Kb / 3P
SMA Female Connector Solder Attachment End Launch PCB, .030 inch Diameter
PE44132 PASTERNACK-PE44132 Datasheet
223Kb / 3P
SMB Jack Connector Solder Attachment 0.042 inch End Launch PCB, .030 inch Diameter
PE44133 PASTERNACK-PE44133 Datasheet
205Kb / 2P
SMC Jack Connector Solder Attachment 0.042 inch End Launch PCB, .030 inch Diameter
PE44212 PASTERNACK-PE44212 Datasheet
227Kb / 3P
SMA Female Bulkhead Connector Solder Attachment 0.062 inch End Launch PCB, .250 inch Diameter, .030 inch Diameter
PE4542 PASTERNACK-PE4542 Datasheet
285Kb / 3P
SMA Female Connector Solder Attachment 0.062 inch End Launch PCB, .030 inch Diameter
PE4912 PASTERNACK-PE4912 Datasheet
205Kb / 2P
SMA Male Connector Solder Attachment 0.062 inch End Launch PCB, .030 inch Diameter
PE44201 PASTERNACK-PE44201 Datasheet
222Kb / 3P
RT SMA Female Connector Solder Attachment 0.062 inch End Launch PCB, .030 inch Diameter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com