Electronic Components Datasheet Search
  English  ▼

X  

PE44145 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44145
Description  Banana Plug Connector Crimp/Solder Attachment For RG174, RG316, RG188
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44145 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44145 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44145 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
Banana Plug Connector Crimp/Solder Attachment For RG174, RG316, RG188
Configuration
Connector
Banana Plug
Connector Interface Type
RG174,RG316,RG188
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Electrical Specifications
Mechanical Specifications
Size
Length, in [mm]
2.54 [64.52]
Width/Dia., in [mm]
1.175 [29.85]
Height, in [mm]
0.65 [16.51]
.
Weight, lbs [g]
0.041 [18.6]
Connector
Type
Banana Plug
Contact Material and Plating
Brass, Nickel
Body Material and Plating
Brass, Nickel
Dielectric Type
ABS
Compliance Certifications (visit www.Pasternack.com for current document)
Plotted and Other Data
Notes:
Values at 25 °C, sea level
Banana Plug Connector Crimp/Solder Attachment For RG174, RG316, RG188 from Pasternack Enterprises has same day
shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and
are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Banana Plug Connector Crimp/Solder Attachment For RG174, RG316, RG188 PE44145
URL: http://www.pasternack.com/banana-plug-standard-rg174-rg316-rg188-connector-pe44145-p.aspx
PE44145
PE44145 REV
Banana Plug Connector Crimp/Solder
Attachment For RG174, RG316, RG188


Similar Part No. - PE44145

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4414 PASTERNACK-PE4414 Datasheet
258Kb / 2P
SMA Female Connector Crimp/Solder Attachment For RG316, RG174, RG188
PE4414 PASTERNACK-PE4414 Datasheet
352Kb / 3P
SMA Female Connector Crimp/Solder Attachment
PE44140 PASTERNACK-PE44140 Datasheet
254Kb / 2P
SMC Jack Connector Solder Attachment 2 Hole Flange Solder Cup Terminal, .328 inch Hole Spacing
PE44141 PASTERNACK-PE44141 Datasheet
323Kb / 3P
75 Ohm Mini SMB Jack Connector Solder Attachment 2 Hole Flange Mount Solder Cup Terminal, .328 inch Hole Spacing
PE44142 PASTERNACK-PE44142 Datasheet
204Kb / 2P
SMB Jack Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .232 inch Hole Spacing
More results

Similar Description - PE44145

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4045 PASTERNACK-PE4045 Datasheet
261Kb / 3P
SMC Plug Connector Crimp/Solder Attachment For RG174 RG316 RG188
PE4896 PASTERNACK-PE4896 Datasheet
262Kb / 3P
MMCX Plug Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE4046 PASTERNACK-PE4046 Datasheet
262Kb / 3P
SMB Plug Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE4551 PASTERNACK-PE4551 Datasheet
261Kb / 2P
MCX Plug Connector Crimp/Solder Attachment For RG316, RG174, RG188
PE44309 PASTERNACK-PE44309 Datasheet
251Kb / 2P
MC-Card Plug Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE44244 PASTERNACK-PE44244 Datasheet
249Kb / 2P
1.0/2.3 Plug Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE44297 PASTERNACK-PE44297 Datasheet
207Kb / 2P
FME Plug Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE45164 PASTERNACK-PE45164 Datasheet
391Kb / 2P
Banana Plug Connector Crimp-Solder Attachment for RG188-DS, RG316-DS
PE44369 PASTERNACK-PE44369 Datasheet
221Kb / 3P
RP MCX Plug Connector Crimp-Solder Attachment For RG174, RG316, RG188
PE45209 PASTERNACK-PE45209 Datasheet
352Kb / 3P
SSMC Plug Connector Crimp/Solder Attachment for RG316, RG174, RG188
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com