Electronic Components Datasheet Search
  English  ▼

X  

PE44175 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44175
Description  75 Ohm TNC Female Bulkhead Connector Clamp/Solder Attachment For RG59, .480 inch D Hole
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44175 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44175 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44175 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
75 Ohm TNC Female Bulkhead Connector Clamp/Solder Attachment For RG59, .480 inch D Hole
Configuration
Connector
TNC Female
Connector Interface Type
RG59
Cable Attachment Method (Shield/Contact)
Clamp/Solder
Body Style
Straight
Mount Method
Bulkhead
Electrical Specifications
Impedance, Ohms
75
Mechanical Specifications
Size
Length, in [mm]
1.15 [29.21]
Width/Dia., in [mm]
0.688 [17.48]
.
Weight, lbs [g]
0.041 [18.6]
Connector
Type
TNC Female
Contact Material and Plating
Brass, Silver
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
75 Ohm TNC Female Bulkhead Connector Clamp/Solder Attachment For RG59, .480 inch D Hole from Pasternack Enterprises
has same day shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99%
availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm TNC Female Bulkhead Connector Clamp/Solder Attachment For RG59, .480 inch D Hole
PE44175
URL: http://www.pasternack.com/tnc-female-standard-rg59-connector-pe44175-p.aspx
PE44175
PE44175 REV
75 Ohm TNC Female Bulkhead Connector Clamp/
Solder Attachment For RG59, .480 inch D Hole


Similar Part No. - PE44175

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4417 PASTERNACK-PE4417 Datasheet
111Kb / 1P
SMA FEMALE SOLDER ATTACHMENT FOR RG188-DS & RG316-DS
PE44170 PASTERNACK-PE44170 Datasheet
274Kb / 3P
75 Ohm TNC Male Right Angle Connector Clamp Solder Attachment For RG11, RG216
PE44171 PASTERNACK-PE44171 Datasheet
237Kb / 3P
75 Ohm TNC Male Right Angle Connector Clamp/Solder Attachment For RG59
PE44172 PASTERNACK-PE44172 Datasheet
276Kb / 3P
75 Ohm TNC Male Right Angle Connector Clamp/ Solder Attachment For RG179, RG187
PE44173 PASTERNACK-PE44173 Datasheet
240Kb / 3P
75 Ohm TNC Female Bulkhead Connector Clamp/ Solder Attachment For RG6, .480 inch D Hole
More results

Similar Description - PE44175

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4697 PASTERNACK-PE4697 Datasheet
854Kb / 2P
RP TNC Female Bulkhead Connector Clamp/Solder Attachment For RG59, RG62, .480 inch D Hole
PE4465 PASTERNACK-PE4465 Datasheet
258Kb / 2P
TNC Female Bulkhead Connector Crimp/Solder Attachment For RG59, RG62, .480 inch D Hole
PE4637 PASTERNACK-PE4637 Datasheet
288Kb / 3P
75 Ohm BNC Female Bulkhead Connector Clamp/ Solder Attachment For RG59, .480 inch D Hole
PE44173 PASTERNACK-PE44173 Datasheet
240Kb / 3P
75 Ohm TNC Female Bulkhead Connector Clamp/ Solder Attachment For RG6, .480 inch D Hole
PE44174 PASTERNACK-PE44174 Datasheet
225Kb / 2P
75 Ohm TNC Female Bulkhead Connector Clamp/Solder Attachment For RG11, RG216, .480 inch D Hole
PE4516 PASTERNACK-PE4516 Datasheet
214Kb / 2P
75 Ohm N Female Connector Clamp/Solder Attachment For RG59, RG62, .480 inch D Hole
PE4638 PASTERNACK-PE4638 Datasheet
217Kb / 2P
75 Ohm BNC Female Bulkhead Connector Crimp - Solder Attachment For RG59, .480 inch D Hole
PE44176 PASTERNACK-PE44176 Datasheet
311Kb / 2P
75 Ohm TNC Female Bulkhead Connector Clamp - Solder Attachment For RG179, RG187, .480 inch D Hole
PE4460 PASTERNACK-PE4460 Datasheet
354Kb / 3P
75 Ohm TNC Female Connector Clamp - Solder Attachment for RG59, RG62
PE4464 PASTERNACK-PE4464 Datasheet
228Kb / 3P
TNC Female Bulkhead Connector Clamp - Solder Attachment For RG59, RG62, .480 inch D Hole
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com