Electronic Components Datasheet Search
  English  ▼

X  

PE44181 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44181
Description  75 Ohm TNC Female Bulkhead Isolated Ground Connector Solder Attachment Solder Cup Terminal, .480 inch D Hole
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44181 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44181 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44181 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
75 Ohm TNC Female Bulkhead Isolated Ground Connector Solder Attachment Solder Cup Terminal,
.480 inch D Hole
Configuration
Connector
TNC Female
Connector Interface Type
Solder Cup
Cable Attachment Method (Shield/Contact)
Solder
Body Style
Straight
Mount Method
Bulkhead
Isolated Ground / Hermetic
Isolated Ground
Electrical Specifications
Impedance, Ohms
75
Mechanical Specifications
Size
Length, in [mm]
1.063 [27]
Width/Dia., in [mm]
0.63 [16.00]
.
Weight, lbs [g]
0.027 [12.25]
Connector
Type
TNC Female
Contact Material and Plating
Gold
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
75 Ohm TNC Female Bulkhead Isolated Ground Connector Solder Attachment Solder Cup Terminal, .480 inch D Hole from
Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and fiber optic
products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm TNC Female Bulkhead Isolated Ground Connector Solder Attachment Solder Cup
Terminal, .480 inch D Hole PE44181
URL: http://www.pasternack.com/tnc-female-standard-solder-cup-terminal-connector-pe44181-p.aspx
PE44181
PE44181 REV
75 Ohm TNC Female Bulkhead Isolated Ground Connector
Solder Attachment Solder Cup Terminal, .480 inch D Hole


Similar Part No. - PE44181

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4418 PASTERNACK-PE4418 Datasheet
413Kb / 3P
SMA Female Connector Solder Attachment for PE-047SR, PE-SR047AL, PE-SR047FL
PE4418 PASTERNACK-PE4418 Datasheet
377Kb / 3P
SMA Female Connector Solder Attachment
PE44180 PASTERNACK-PE44180 Datasheet
238Kb / 2P
75 Ohm TNC Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .410 inch D Hole
PE44182 PASTERNACK-PE44182 Datasheet
248Kb / 2P
RT SMA Male Connector Crimp/Solder Attachment For RG55, RG141, RG142, RG223, RG400
PE44183 PASTERNACK-PE44183 Datasheet
83Kb / 1P
REVERSE THREAD SMA MALE, CRIMP ATTACHMENT FOR RG58
More results

Similar Description - PE44181

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4306 PASTERNACK-PE4306 Datasheet
222Kb / 3P
TNC Female Bulkhead Isolated Ground Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
PE44180 PASTERNACK-PE44180 Datasheet
238Kb / 2P
75 Ohm TNC Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .410 inch D Hole
PE4091 PASTERNACK-PE4091 Datasheet
246Kb / 3P
BNC Female Bulkhead Isolated Ground Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
PE4626 PASTERNACK-PE4626 Datasheet
219Kb / 3P
75 Ohm BNC Female Bulkhead Isolated Ground Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
PE4468 PASTERNACK-PE4468 Datasheet
257Kb / 3P
TNC Female Bulkhead Isolated Ground Connector Solder Attachment Solder Cup Terminal, .480 inch D Hole
PE4764 PASTERNACK-PE4764 Datasheet
219Kb / 3P
RP BNC Female Bulkhead Isolated Ground Connector Solder Attachment Solder Cup Terminal, .480 inch D Hole
PE44177 PASTERNACK-PE44177 Datasheet
236Kb / 2P
75 Ohm TNC Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .410 inch D Hole
PE4318 PASTERNACK-PE4318 Datasheet
834Kb / 3P
BNC Female Bulkhead Isolated Ground Connector Solder Attachment Solder Cup Terminal, .480 inch D Hole
PE4629 PASTERNACK-PE4629 Datasheet
247Kb / 2P
75 Ohm BNC Female Bulkhead Isolated Ground Connector Solder Attachment Solder Cup Terminal, .480 inch D Hole
PE4707 PASTERNACK-PE4707 Datasheet
216Kb / 3P
RP TNC Female Bulkhead Isolated Ground Connector Solder Attachment Solder Cup Terminal, .480 inch D Hole
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com