Electronic Components Datasheet Search
  English  ▼

X  

PE44196 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44196
Description  RT SMA Female Bulkhead Connector Crimp/Solder Attachment For RG174, RG316, RG188, .235 inch D Hole
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44196 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44196 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44196 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44196 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
RT SMA Female Bulkhead Connector Crimp/Solder Attachment For RG174, RG316, RG188, .235 inch D
Hole
Configuration
Connector
SMA Female Reverse Thread
Connector Specification
MIL-C-39012
Connector Interface Type
RG174,RG316,RG188
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Mount Method
Bulkhead
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
0.91 [23.11]
Width/Dia., in [mm]
0.312 [7.92]
.
Weight, lbs [g]
0.008 [3.63]
Connector
Type
SMA Female Reverse Thread
Contact Material and Plating
Gold
Contact Plating Specification
MIL-G-45204
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: RT SMA Female Bulkhead Connector Crimp/Solder Attachment For RG174, RG316, RG188,
.235 inch D Hole PE44196
PE44196
PE44196 REV
RT SMA Female Bulkhead Connector Crimp/Solder
Attachment For RG174, RG316, RG188, .235 inch D Hole


Similar Part No. - PE44196

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4419 PASTERNACK-PE4419 Datasheet
264Kb / 2P
SMA Female Bulkhead Connector Crimp/Solder Attachment For RG55, RG142, RG223, RG400, .235 inch D Hole
PE4419 PASTERNACK-PE4419 Datasheet
354Kb / 3P
SMA Female Bulkhead Mount Connector Crimp/Solder Attachment
PE44190 PASTERNACK-PE44190 Datasheet
223Kb / 3P
RT SMA Female Connector Crimp - Solder Attachment For RG55, RG141, RG142, RG223, RG400
PE44191 PASTERNACK-PE44191 Datasheet
83Kb / 1P
REVERSE THREAD SMA FEMALE, CRIMP ATTACHMENT FOR RG58
PE44192 PASTERNACK-PE44192 Datasheet
217Kb / 2P
RT SMA Female Connector Crimp - Solder Attachment For RG174, RG316, RG188
More results

Similar Description - PE44196

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4858 PASTERNACK-PE4858 Datasheet
272Kb / 3P
RP SMA Female Bulkhead Connector Clamp/Solder Attachment For RG174, RG316, RG188, .235 inch D Hole
PE4427 PASTERNACK-PE4427 Datasheet
255Kb / 2P
SMA Female Bulkhead Connector Crimp/Solder Attachment For RG316, RG174, RG188, .235 inch D Hole
PE4187 PASTERNACK-PE4187 Datasheet
211Kb / 2P
SMA Female Bulkhead Connector Crimp/Solder (Captive Contact) Attachment For RG316, RG174, RG188, .235 inch D Hole
PE4188 PASTERNACK-PE4188 Datasheet
89Kb / 1P
SMA FEMALE BULKHEAD SOLDER ATTACHMENT FOR RG174 RG188 & RG316
PE4422 PASTERNACK-PE4422 Datasheet
219Kb / 2P
SMA Female Bulkhead Connector Crimp/Solder (Captive Contact) Attachment For RG316, RG174, RG188, .235 inch D Hole
PE4032 PASTERNACK-PE4032 Datasheet
282Kb / 2P
SMA Female Bulkhead Connector Clamp-Solder Attachment For RG316, RG174, RG188, .235 inch D Hole
PE44184 PASTERNACK-PE44184 Datasheet
221Kb / 3P
RT SMA Male Connector Crimp - Solder Attachment For RG174, RG316, RG188
PE44192 PASTERNACK-PE44192 Datasheet
217Kb / 2P
RT SMA Female Connector Crimp - Solder Attachment For RG174, RG316, RG188
PE44643 PASTERNACK-PE44643 Datasheet
208Kb / 2P
SMA Female Bulkhead Connector Crimp - Solder Attachment For RG174, RG188, RG316, .252 inch D Hole
PE4859 PASTERNACK-PE4859 Datasheet
266Kb / 3P
RP SMA Female Bulkhead Connector Crimp - Solder Attachment For RG174, RG316, RG188, .235 inch D Hole
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com