Electronic Components Datasheet Search
  English  ▼

X  

PE44203 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44203
Description  SMA Male Connector Crimp/Solder Attachment For PE-P195
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44203 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44203 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44203 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
SMA Male Connector Crimp/Solder Attachment For PE-P195
SMA Male Connector Crimp/Solder Attachment For PE-P195
Configuration
Connector
SMA Male
Connector Interface Type
PE-P195
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
0.939 [23.85]
Width/Dia., in [mm]
0.312 [8]
.
Weight, lbs [g]
0.013 [5.9]
Connector
Type
SMA Male
Contact Material and Plating
Gold
Coupling Nut Material and Plating
Brass, Nickel
Hex Size, in
5/16
Torque, in-lbs [Nm]
5 [0.57]
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
SMA Male Connector Crimp/Solder Attachment For PE-P195 from Pasternack Enterprises has same day shipment for
domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the
broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male Connector Crimp/Solder Attachment For PE-P195 PE44203
URL: http://www.pasternack.com/sma-male-standard-pe-p195-connector-pe44203-p.aspx
PE44203
PE44203 REV


Similar Part No. - PE44203

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4420 PASTERNACK-PE4420 Datasheet
109Kb / 1P
SMA FEMALE BULKHEAD CRIMP ATTACHMENT FOR RG58
PE44200 PASTERNACK-PE44200 Datasheet
220Kb / 3P
RT SMA Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .340 inch Hole Spacing
PE44201 PASTERNACK-PE44201 Datasheet
222Kb / 3P
RT SMA Female Connector Solder Attachment 0.062 inch End Launch PCB, .030 inch Diameter
PE44202 PASTERNACK-PE44202 Datasheet
222Kb / 3P
RT SMA Female Connector Solder Attachment 0.062 inch End Launch PCB, .020 inch x .010 inch Contact
PE44204 PASTERNACK-PE44204 Datasheet
223Kb / 3P
SMA Female Connector Solder Attachment 0.042 inch End Launch PCB, .030 inch Diameter
More results

Similar Description - PE44203

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4085 PASTERNACK-PE4085 Datasheet
222Kb / 3P
SMA Male Connector Clamp/Solder Attachment For PE-P195
PE4917 PASTERNACK-PE4917 Datasheet
213Kb / 2P
SMA Male Connector Solder Attachment For PE-034SR
PE44668 PASTERNACK-PE44668 Datasheet
217Kb / 2P
SMA Male Connector Crimp - Solder Attachment For PE-C400, 0.400 inch
PE45040 PASTERNACK-PE45040 Datasheet
370Kb / 3P
SMA Male Connector Crimp - Solder Attachment for LMR200, PE-C200
PE4918 PASTERNACK-PE4918 Datasheet
217Kb / 2P
SMA Male Connector Solder Attachment For PE-020SR
PE45012 PASTERNACK-PE45012 Datasheet
340Kb / 3P
Reverse Polarity SMA Male Right Angle Connector Crimp/ Solder Attachment for RG58, RG141, PE-C195, PE-P195
PE45046 PASTERNACK-PE45046 Datasheet
454Kb / 3P
7/16 DIN Male Right Angle Connector Crimp/Solder Attachment for LMR-195, PE-C195, PE-P195
PE45141 PASTERNACK-PE45141 Datasheet
349Kb / 3P
SMA Female Bulkhead Mount Connector Crimp/Solder Attachment for RG58, RG303, LMR-195, PE-P195
PE45071 PASTERNACK-PE45071 Datasheet
485Kb / 5P
QN Male Connector Crimp/Solder Attachment for RG58, RG303, RG141, PE-C195, PE-P195, LMR-195
PE45140 PASTERNACK-PE45140 Datasheet
356Kb / 3P
SMA Male Connector Clamp/Solder Attachment for RG58, RG303, LMR-195, PE-P195
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com