Electronic Components Datasheet Search
  English  ▼

X  

PE44231 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44231
Description  2.92mm Female Threaded Connector Field Replaceable Attachment 0.012 inch Pin
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44231 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44231 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44231 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
2.92mm Female Threaded Connector Field Replaceable Attachment 0.012 inch Pin
Configuration
Connector
2.92mm Female
Connector Interface Type
0.012 inch Pin
Cable Attachment Method (Shield/Contact)
Field Replaceable
Body Style
Straight
Mount Method
Threaded
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
0.409 [10.39]
Width/Dia., in [mm]
0.25 [6.35]
.
Weight, lbs [g]
0.005 [2.27]
Connector
Type
2.92mm Female
Contact Material and Plating
Gold
Body Material and Plating
Passivated Stainless Steel
Dielectric Type
PPO
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
2.92mm Female Threaded Connector Field Replaceable Attachment 0.012 inch Pin from Pasternack Enterprises has same
day shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability
and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 2.92mm Female Threaded Connector Field Replaceable Attachment 0.012 inch Pin PE44231
URL: http://www.pasternack.com/2.92mm-female-standard-0.012-pin-connector-pe44231-p.aspx
PE44231
PE44231 REV
2.92mm Female Threaded Connector Field
Replaceable Attachment 0.012 inch Pin


Similar Part No. - PE44231

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4423 PASTERNACK-PE4423 Datasheet
269Kb / 1P
SMA FEMALE BULKHEAD SOLDER ATTACHMENT FOR RG178 &RG196
PE44230 PASTERNACK-PE44230 Datasheet
290Kb / 2P
2.92mm Female Connector Field Replaceable Attachment 4 Hole Flange 0.012 inch Pin, .340 inch Hole Spacing
PE44232 PASTERNACK-PE44232 Datasheet
296Kb / 3P
2.92mm Male Connector Field Replaceable Attachment Hole Flange 0.012 inch Pin, .481 inch Hole Spacing
PE44233 PASTERNACK-PE44233 Datasheet
295Kb / 3P
2.92mm Male Connector Field Replaceable Attachment 4 Hole Flange 0.012 inch Pin, .340 inch Hole Spacing
PE44234 PASTERNACK-PE44234 Datasheet
203Kb / 2P
2.92mm Male Threaded Connector Field Replaceable Attachment 0.012 inch Pin
More results

Similar Description - PE44231

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44229 PASTERNACK-PE44229 Datasheet
248Kb / 2P
2.92mm Female Connector Field Replaceable Attachment 2 Hole Flange 0.012 inch Pin, .481 inch Hole Spacing
PE44222 PASTERNACK-PE44222 Datasheet
286Kb / 2P
2.4mm Male Threaded Connector Field Replaceable Attachment 0.012 inch Pin
PE44233 PASTERNACK-PE44233 Datasheet
295Kb / 3P
2.92mm Male Connector Field Replaceable Attachment 4 Hole Flange 0.012 inch Pin, .340 inch Hole Spacing
PE44015 PASTERNACK-PE44015 Datasheet
218Kb / 3P
SMA Female Right Angle Connector Field Replaceable Attachment 4 Hole Flange 0.012 inch Pin
PE44230 PASTERNACK-PE44230 Datasheet
290Kb / 2P
2.92mm Female Connector Field Replaceable Attachment 4 Hole Flange 0.012 inch Pin, .340 inch Hole Spacing
PE44232 PASTERNACK-PE44232 Datasheet
296Kb / 3P
2.92mm Male Connector Field Replaceable Attachment Hole Flange 0.012 inch Pin, .481 inch Hole Spacing
PE44023 PASTERNACK-PE44023 Datasheet
262Kb / 3P
SMA Female Connector Field Replaceable Attachment 2 Hole Flange 0.012 inch Pin
PE44339 PASTERNACK-PE44339 Datasheet
210Kb / 3P
1.85mm Female Threaded Connector Field Replaceable Attachment 0.009 inch Pin
PE44219 PASTERNACK-PE44219 Datasheet
203Kb / 2P
2.4mm Female Threaded Connector Field Replaceable Attachment 0.012 inch Pin
PE44234 PASTERNACK-PE44234 Datasheet
203Kb / 2P
2.92mm Male Threaded Connector Field Replaceable Attachment 0.012 inch Pin
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com