Electronic Components Datasheet Search
  English  ▼

X  

PW117 Datasheet(PDF) 2 Page - SL Power Electronics

Part # PW117
Description  PW117 SWITCH-MODE POWER SUPPLY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

PW117 Datasheet(HTML) 2 Page - SL Power Electronics

  PW117 Datasheet HTML 1Page - SL Power Electronics PW117 Datasheet HTML 2Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
AULT INCORPORATED
7105 Northland Terrace | Minneapolis, Minnesota 55428 | USATEL (1) 763-592-1900
FAX (1) 763-592-1911 | E-MAIL info@aultinc.com | WEB www.aultinc.com
© Copyright 2002 Ault Inc.
Specify the Input Configuration Code in your order.
Connector
Input Configuration
PW117
ITE 6-12 WATT SERIES
IEC320
w/ground
C14
(F)
Shaver
C8
(N)
Pinout Code
Center contact: positive
Description
Switchcraft 760 plug or equivalent
Suggested Mating
Switchcraft 712A jack or equivalent
Other Connectors are available by special order
Input
Voltage
100-240 VAC -10%, +6%
Line Frequency
47-63 Hz
Current
0.3A max. at 90 VAC input
Protection
Internal primary current fuse,
Inrush limiting
Output
Combined Line and Load
±1% excluding cord
Voltage Regulation
Ripple
1% V p-p max for output current
of >0.175A
Transient Response
0.5 msec. for 50% load change typical
Holdup Time
12 msec min. @ 120VAC,
60 msec min. @ 240VAC
Protection
Foldback overcurrent protection.
Cord and Connector
6 ft, 2 conductor, 20 AWG, Ault
#3 connector. Other connectors are
also available.
Safety Approvals
Agency Listings
cULus 60950, TUV/IEC EN60950,
Australian, Japanese certification
available – extra fees apply
Electrical
Topology
Switching-fixed frequency flyback
Leakage Current
Less than 750 uA
Efficiency
Min 65%
EMI
Complies with EMC Directives
CE
CE Compliant
MTBF
100,000 Calculated Hours
Environmental
Operating Temperature
0º to 40º C with no derating
Storage Temperature
-30º to +85º C
Relative Humidity
5% to 95% non-condensing
Altitude
0-10,000 feet
Cooling
Convectional-non vented case
Mechanical
Case and Dimensions
3.35L x 1.81W x 1.30H (in)
85.0L x 46.0W x 33.0H (mm)
Case Material
94V0 polycarbonate; black is standard
color; other colors available - extra
charges may apply
Weight
4.80 ounces, 136 grams



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com