Electronic Components Datasheet Search
  English  ▼

X  

PE44170 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44170
Description  75 Ohm TNC Male Right Angle Connector Clamp Solder Attachment For RG11, RG216
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44170 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44170 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44170 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44170 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
75 Ohm TNC Male Right Angle Connector Clamp/Solder Attachment For RG11, RG216
Configuration
Connector
TNC Male
Connector Specification
MIL-C-39012
Connector Interface Type
RG11,RG216
Cable Attachment Method (Shield/Contact)
Clamp/Solder
Body Style
Right Angle
Electrical Specifications
Impedance, Ohms
75
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
1.82 [46.23]
Width/Dia., in [mm]
0.75 [19.05]
Height, in [mm]
1.163 [29.54]
.
Weight, lbs [g]
0.165 [74.84]
Connector
Type
TNC Male
Contact Material and Plating
Silver
Contact Plating Specification
QQ-S-365
Coupling Nut Material and Plating
Brass, Nickel
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information includ-
ing price, inventory and certifications: 75 Ohm TNC Male Right Angle Connector Clamp/Solder Attachment For RG11,
RG216 PE44170
PE44170
PE44170 REV
75 Ohm TNC Male Right Angle Connector Clamp/
Solder Attachment For RG11, RG216


Similar Part No. - PE44170

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4417 PASTERNACK-PE4417 Datasheet
111Kb / 1P
SMA FEMALE SOLDER ATTACHMENT FOR RG188-DS & RG316-DS
PE44171 PASTERNACK-PE44171 Datasheet
237Kb / 3P
75 Ohm TNC Male Right Angle Connector Clamp/Solder Attachment For RG59
PE44172 PASTERNACK-PE44172 Datasheet
276Kb / 3P
75 Ohm TNC Male Right Angle Connector Clamp/ Solder Attachment For RG179, RG187
PE44173 PASTERNACK-PE44173 Datasheet
240Kb / 3P
75 Ohm TNC Female Bulkhead Connector Clamp/ Solder Attachment For RG6, .480 inch D Hole
PE44174 PASTERNACK-PE44174 Datasheet
225Kb / 2P
75 Ohm TNC Female Bulkhead Connector Clamp/Solder Attachment For RG11, RG216, .480 inch D Hole
More results

Similar Description - PE44170

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44169 PASTERNACK-PE44169 Datasheet
263Kb / 3P
75 Ohm TNC Male Right Angle Connector Clamp/Solder Attachment For RG6
PE44163 PASTERNACK-PE44163 Datasheet
310Kb / 2P
75 Ohm TNC Male Connector Clamp/Solder Attachment For RG11, RG216
PE44164 PASTERNACK-PE44164 Datasheet
221Kb / 3P
75 Ohm TNC Male Connector Crimp/Solder Attachment For RG11
PE44174 PASTERNACK-PE44174 Datasheet
225Kb / 2P
75 Ohm TNC Female Bulkhead Connector Clamp/Solder Attachment For RG11, RG216, .480 inch D Hole
PE4509 PASTERNACK-PE4509 Datasheet
222Kb / 2P
75 Ohm N Male Connector Clamp/Solder Attachment For RG11, RG144, RG216
PE4599 PASTERNACK-PE4599 Datasheet
237Kb / 3P
75 Ohm BNC Male Connector Clamp/ Solder Attachment For RG11, RG216
PE4612 PASTERNACK-PE4612 Datasheet
233Kb / 2P
75 Ohm BNC Female Connector Clamp/ Solder Attachment For RG11, RG216
PE4502 PASTERNACK-PE4502 Datasheet
236Kb / 3P
75 Ohm N Male Right Angle Connector Clamp - Solder Attachment For RG11, RG144, RG216
PE4510 PASTERNACK-PE4510 Datasheet
264Kb / 2P
75 Ohm N Male Connector Crimp-Solder Attachment For RG11, RG144, RG216
PE4606 PASTERNACK-PE4606 Datasheet
235Kb / 3P
75 Ohm BNC Male Right Angle Connector Clamp - Solder Attachment For RG11, RG216
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com