Electronic Components Datasheet Search
  English  ▼

X  

PE44233 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44233
Description  2.92mm Male Connector Field Replaceable Attachment 4 Hole Flange 0.012 inch Pin, .340 inch Hole Spacing
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44233 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44233 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44233 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44233 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
2.92mm Male Connector Field Replaceable Attachment 4 Hole Flange 0.012 inch Pin, .340 inch Hole
Spacing
Configuration
Connector
2.92mm Male
Connector Interface Type
0.012 inch Pin
Cable Attachment Method (Shield/Contact)
Field Replaceable
Body Style
Straight
Mount Method
4 Hole Flange
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
0.506 [12.85]
Width/Dia., in [mm]
0.5 [12.70]
Height, in [mm]
0.5 [12.7]
.
Weight, lbs [g]
0.013 [5.9]
Connector
Type
2.92mm Male
Contact Material and Plating
Gold
Coupling Nut Material and Plating
Brass, Nickel
Hex Size, in.
5/16
Torque, in-lbs [Nm]
5 [0.57]
Body Material and Plating
Passivated Stainless Steel
Dielectric Type
PPO
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: 2.92mm Male Connector Field Replaceable Attachment 4 Hole Flange 0.012 inch Pin,
.340 inch Hole Spacing PE44233
PE44233
PE44233 REV
2.92mm Male Connector Field Replaceable Attachment
4 Hole Flange 0.012 inch Pin, .340 inch Hole Spacing


Similar Part No. - PE44233

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4423 PASTERNACK-PE4423 Datasheet
269Kb / 1P
SMA FEMALE BULKHEAD SOLDER ATTACHMENT FOR RG178 &RG196
PE44230 PASTERNACK-PE44230 Datasheet
290Kb / 2P
2.92mm Female Connector Field Replaceable Attachment 4 Hole Flange 0.012 inch Pin, .340 inch Hole Spacing
PE44231 PASTERNACK-PE44231 Datasheet
284Kb / 2P
2.92mm Female Threaded Connector Field Replaceable Attachment 0.012 inch Pin
PE44232 PASTERNACK-PE44232 Datasheet
296Kb / 3P
2.92mm Male Connector Field Replaceable Attachment Hole Flange 0.012 inch Pin, .481 inch Hole Spacing
PE44234 PASTERNACK-PE44234 Datasheet
203Kb / 2P
2.92mm Male Threaded Connector Field Replaceable Attachment 0.012 inch Pin
More results

Similar Description - PE44233

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44000 PASTERNACK-PE44000 Datasheet
238Kb / 2P
SMA Female Connector Field Replaceable Attachment 4 Hole Flange 0.012 inch Pin, .375 inch Flange Size
PE44005 PASTERNACK-PE44005 Datasheet
243Kb / 3P
SMA Male Connector Field Replaceable Attachment 4 Hole Flange 0.012 inch Pin, .375 inch Flange Size
PE44014 PASTERNACK-PE44014 Datasheet
220Kb / 3P
SMA Female Connector Field Replaceable Attachment 4 Hole Flange 0.012 inch Pin, .375 inch Flange Size
PE44018 PASTERNACK-PE44018 Datasheet
244Kb / 3P
SMA Male Connector Field Replaceable Attachment 4 Hole Flange 0.012 inch Pin, .375 inch Flange Size
PE44027 PASTERNACK-PE44027 Datasheet
220Kb / 3P
SMA Female Connector Field Replaceable Attachment 4 Hole Flange 0.012 inch Pin, .375 inch Flange Size
PE44229 PASTERNACK-PE44229 Datasheet
248Kb / 2P
2.92mm Female Connector Field Replaceable Attachment 2 Hole Flange 0.012 inch Pin, .481 inch Hole Spacing
PE44230 PASTERNACK-PE44230 Datasheet
290Kb / 2P
2.92mm Female Connector Field Replaceable Attachment 4 Hole Flange 0.012 inch Pin, .340 inch Hole Spacing
PE44232 PASTERNACK-PE44232 Datasheet
296Kb / 3P
2.92mm Male Connector Field Replaceable Attachment Hole Flange 0.012 inch Pin, .481 inch Hole Spacing
PE44012 PASTERNACK-PE44012 Datasheet
210Kb / 3P
SMA Female Connector Field Replaceable Attachment 4 Hole Flange 0.012 inch Pin, .500 inch Flange Size
PE44234 PASTERNACK-PE44234 Datasheet
203Kb / 2P
2.92mm Male Threaded Connector Field Replaceable Attachment 0.012 inch Pin
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com