Electronic Components Datasheet Search
  English  ▼

X  

PE44256 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44256
Description  1.0/2.3 Jack Bulkhead Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405, .235 inch D Hole
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44256 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44256 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44256 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44256 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
1.0/2.3 Jack Bulkhead Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405, .235 inch D
Hole
Configuration
Connector
1.0/2.3 Jack
Connector Interface Type
PE-SR405AL,PE-SR405FL,RG405
Cable Attachment Method (Shield/Contact)
Solder/Solder
Body Style
Straight
Mount Method
Bulkhead
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
0.984 [24.99]
Width/Dia., in [mm]
0.433 [11.00]
.
Weight, lbs [g]
0.013 [5.9]
Connector
Type
1.0/2.3 Jack
Contact Material and Plating
Beryllium Copper, Gold
Contact Plating Specification
30µ in. minimum
Body Material and Plating
Brass, Gold
Body Plating Specification
3µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 1.0/2.3 Jack Bulkhead Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405,
.235 inch D Hole PE44256
PE44256
PE44256 REV
1.0/2.3 Jack Bulkhead Connector Solder Attachment For
PE-SR405AL, PE-SR405FL, RG405, .235 inch D Hole


Similar Part No. - PE44256

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4425 PASTERNACK-PE4425 Datasheet
113Kb / 1P
SMA FEMALE BULKHEAD CRIMP ATTACHMENT FOR RG188-DS & RG316-DS
PE44254 PASTERNACK-PE44254 Datasheet
246Kb / 2P
1.0/2.3 Jack Bulkhead Connector Crimp-Solder Attachment For RG174, RG316, RG188, .217 inch DD Hole
PE44255 PASTERNACK-PE44255 Datasheet
265Kb / 3P
1.0/2.3 Jack Bulkhead Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402, .235 inch D Hole
PE44257 PASTERNACK-PE44257 Datasheet
220Kb / 2P
1.0-2.3 Jack Connector Solder Attachment Thru Hole PCB, .200 inch x .055 inch Hole Spacing
PE44258 PASTERNACK-PE44258 Datasheet
249Kb / 3P
1.0/2.3 Jack Right Angle Connector Solder Attachment Thru Hole PCB, .200 inch x .055 inch Hole Spacing
More results

Similar Description - PE44256

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4865 PASTERNACK-PE4865 Datasheet
259Kb / 2P
RP SMA Female Bulkhead Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405, .235 inch D Hole
PE44255 PASTERNACK-PE44255 Datasheet
265Kb / 3P
1.0/2.3 Jack Bulkhead Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402, .235 inch D Hole
PE4362 PASTERNACK-PE4362 Datasheet
231Kb / 3P
SMB Jack Bulkhead Connector Clamp/Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE4363 PASTERNACK-PE4363 Datasheet
310Kb / 2P
SMC Jack Bulkhead Connector Clamp/Solder Attachment For PE-SR405AL, PE-SR405FL, RG405, .177 inch D Hole
PE4119 PASTERNACK-PE4119 Datasheet
292Kb / 3P
SMA Female Bulkhead Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405, .235 inch D Hole
PE4986 PASTERNACK-PE4986 Datasheet
284Kb / 3P
3.5mm Female Bulkhead Connector Clamp/Solder Attachment For PE-SR405AL, PE-SR405FL, RG405, .235 inch D Hole
PE44458 PASTERNACK-PE44458 Datasheet
215Kb / 3P
MMCX Jack Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE44499 PASTERNACK-PE44499 Datasheet
219Kb / 2P
QMA Female Bulkhead Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405, .268 inch D Hole
PE44390 PASTERNACK-PE44390 Datasheet
226Kb / 3P
SSMA Female Bulkhead Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405, .177 inch D Hole
PE45210 PASTERNACK-PE45210 Datasheet
343Kb / 3P
SMC Jack Bulkhead Mount Connector Solder Attachment for RG405, PE-SR405FL, PE-SR405AL, .177 inch D Hole
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com