Electronic Components Datasheet Search
  English  ▼

X  

PE44264 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44264
Description  75 Ohm 1.6/5.6 Plug Right Angle Connector Clamp/ Solder Attachment For RG179, RG187
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44264 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44264 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44264 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44264 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
75 Ohm 1.6/5.6 Plug Right Angle Connector Clamp/Solder Attachment For RG179, RG187
Configuration
Connector
1.6/5.6 Plug
Connector Interface Type
RG179,RG187
Cable Attachment Method (Shield/Contact)
Clamp/Solder
Body Style
Right Angle
Electrical Specifications
Impedance, Ohms
75
Mechanical Specifications
Size
Length, in [mm]
0.935 [23.75]
Width/Dia., in [mm]
0.425 [10.80]
Height, in [mm]
1.052 [26.72]
.
Weight, lbs [g]
0.041 [18.6]
Connector
Type
1.6/5.6 Plug
Contact Material and Plating
Brass, Gold
Contact Plating Specification
3µ in. minimum
Coupling Nut Material and Plating
Brass, Nickel
Coupling Nut Plating Specification
100µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon/POM
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: 75 Ohm 1.6/5.6 Plug Right Angle Connector Clamp/Solder Attachment For RG179,
RG187 PE44264
PE44264
PE44264 REV
75 Ohm 1.6/5.6 Plug Right Angle Connector Clamp/
Solder Attachment For RG179, RG187


Similar Part No. - PE44264

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4426 PASTERNACK-PE4426 Datasheet
115Kb / 1P
SMA FEMALE BULKHEAD SOLDER ATTACHMENT FOR RG188-DS & RG316-DS
PE44260 PASTERNACK-PE44260 Datasheet
211Kb / 2P
1.0-2.3 Jack Right Angle Bulkhead Connector Crimp- Solder Attachment For RG58, .236 inch DD Hole
PE44261 PASTERNACK-PE44261 Datasheet
216Kb / 3P
1.0-2.3 Jack Right Angle Bulkhead Connector Crimp-Solder Attachment For RG174, RG316, RG188, .236 inch DD Hole
PE44262 PASTERNACK-PE44262 Datasheet
212Kb / 2P
75 Ohm 1.6/5.6 Plug Connector Crimp Solder Attachment For RG179, RG187
PE44263 PASTERNACK-PE44263 Datasheet
291Kb / 2P
75 Ohm 1.6/5.6 Plug Connector Crimp/ Solder Attachment For RG59
More results

Similar Description - PE44264

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4609 PASTERNACK-PE4609 Datasheet
344Kb / 3P
75 Ohm BNC Male Right Angle Connector Clamp/ Solder Attachment For RG179, RG187
PE4615 PASTERNACK-PE4615 Datasheet
207Kb / 2P
75 Ohm BNC Female Connector Clamp/Solder Attachment For RG179, RG187
PE4257 PASTERNACK-PE4257 Datasheet
217Kb / 2P
75 Ohm SMB Plug Connector Clamp/Solder Attachment For RG179, RG187
PE4603 PASTERNACK-PE4603 Datasheet
286Kb / 2P
75 Ohm BNC Male Connector Clamp/Solder Attachment For RG179, RG187
PE44172 PASTERNACK-PE44172 Datasheet
276Kb / 3P
75 Ohm TNC Male Right Angle Connector Clamp/ Solder Attachment For RG179, RG187
PE4259 PASTERNACK-PE4259 Datasheet
307Kb / 2P
75 Ohm SMC Plug Connector Clamp/Solder Attachment For RG179, RG187
PE4929 PASTERNACK-PE4929 Datasheet
207Kb / 2P
75 Ohm SMC Jack Connector Clamp/Solder Attachment For RG179, RG187
PE4252 PASTERNACK-PE4252 Datasheet
265Kb / 2P
75 Ohm SMC Plug Right Angle Connector Crimp - Solder Attachment For RG179, RG187
PE44262 PASTERNACK-PE44262 Datasheet
212Kb / 2P
75 Ohm 1.6/5.6 Plug Connector Crimp Solder Attachment For RG179, RG187
PE44265 PASTERNACK-PE44265 Datasheet
218Kb / 3P
75 Ohm 1.6/5.6 Plug Right Angle Connector Clamp/Solder Attachment For RG59
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com