Electronic Components Datasheet Search
  English  ▼

X  

PE44286 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44286
Description  7/16 DIN Female Connector Crimp/Solder Attachment For RG55, RG142, RG223, RG400
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44286 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44286 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44286 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44286 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
7/16 DIN Female Connector Crimp/Solder Attachment For RG55, RG142, RG223, RG400
Configuration
Connector
7/16 DIN Female
Connector Specification
MIL-C-39012
Connector Interface Type
RG55,RG142,RG223,RG400
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 7.5
Impedance, Ohms
50
Maximum Operating Voltage, Volts
2,700
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
1.76 [44.7]
Width/Dia., in [mm]
1.14 [28.96]
.
Weight, lbs [g]
0.192 [87.09]
Connector
Type
7/16 DIN Female
Contact Material and Plating
Silver
Contact Plating Specification
QQ-S-365
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: 7/16 DIN Female Connector Crimp/Solder Attachment For RG55, RG142, RG223,
RG400 PE44286
PE44286
PE44286 REV
7/16 DIN Female Connector Crimp/Solder Attachment
For RG55, RG142, RG223, RG400


Similar Part No. - PE44286

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4428 PASTERNACK-PE4428 Datasheet
124Kb / 1P
SMA FEMALE BULKHEAD SOLDER ATTACHMENT FOR RG174 RG188 &RG316(CAPTIVE CONTACT)
PE44280 PASTERNACK-PE44280 Datasheet
217Kb / 3P
7/16 DIN Male Right Angle Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG225, RG393
PE44281 PASTERNACK-PE44281 Datasheet
238Kb / 3P
7 - 16 DIN Male Right Angle Connector Clamp - Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE44282 PASTERNACK-PE44282 Datasheet
215Kb / 2P
7/16 DIN Male Right Angle Connector Clamp/ Solder Attachment For RG14, RG217
PE44283 PASTERNACK-PE44283 Datasheet
317Kb / 2P
7/16 DIN Female Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG225, RG393
More results

Similar Description - PE44286

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4566 PASTERNACK-PE4566 Datasheet
882Kb / 2P
7/16 DIN Male Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE4153 PASTERNACK-PE4153 Datasheet
85Kb / 1P
TNC FEMALE BULKHEAD CRIMP ATTACHMENT FOR RG55, RG142 RG223 & RG400
PE4412 PASTERNACK-PE4412 Datasheet
241Kb / 2P
SMA Female Connector Crimp/solder Attachment For RG55,RG142,RG223,RG400
PE44285 PASTERNACK-PE44285 Datasheet
320Kb / 3P
7/16 DIN Female Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE44292 PASTERNACK-PE44292 Datasheet
989Kb / 2P
7/16 DIN Female Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE4134 PASTERNACK-PE4134 Datasheet
267Kb / 3P
N Female Connector Crimp/Solder Attachment For RG55, RG141, RG142, RG223, RG400
PE4397 PASTERNACK-PE4397 Datasheet
111Kb / 1P
BNC FEMALE CRIMP ATTACHMENT FOR RG55 RG142 RG223 RG400
PE4881 PASTERNACK-PE4881 Datasheet
251Kb / 2P
MCX Plug Connector Crimp/Solder Attachment For RG55, RG142, RG223, RG400
PE44656 PASTERNACK-PE44656 Datasheet
118Kb / 1P
7/16 FEMALE, BULKHEAD, CRIMP ATTACHMENT FOR RG55, RG142, RG223 & RG400
PE45396 PASTERNACK-PE45396 Datasheet
360Kb / 3P
SMC Plug Connector Crimp/Solder Attachment for RG55, RG142, RG223, RG400
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com