Electronic Components Datasheet Search
  English  ▼

X  

PE44308 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44308
Description  MC-Card Plug Right Angle Connector Crimp/Solder Attachment For RG174, RG316, RG188
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44308 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44308 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44308 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
MC-Card Plug Right Angle Connector Crimp/Solder Attachment For RG174, RG316, RG188
Configuration
Connector
MC-Card Plug
Connector Interface Type
RG174,RG316,RG188
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Right Angle
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
0.352 [8.94]
Height, in [mm]
0.532 [13.51]
.
Weight, lbs [g]
0.004 [1.81]
Connector
Type
MC-Card Plug
Contact Material and Plating
Phosphor Bronze, Gold
Contact Plating Specification
30µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
MC-Card Plug Right Angle Connector Crimp/Solder Attachment For RG174, RG316, RG188 from Pasternack Enterprises
has same day shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99%
availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: MC-Card Plug Right Angle Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE44308
URL: http://www.pasternack.com/mc-card-plug-standard-rg174-rg316-rg188-connector-pe44308-p.aspx
PE44308
PE44308 REV
MC-Card Plug Right Angle Connector Crimp/Solder
Attachment For RG174, RG316, RG188


Similar Part No. - PE44308

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4430 PASTERNACK-PE4430 Datasheet
372Kb / 3P
N Male Connector Crimp-Solder Attachment for RG213, RG8
PE4430 PASTERNACK-PE4430 Datasheet
349Kb / 3P
N Male Connector Crimp/Solder Attachment
PE44300 PASTERNACK-PE44300 Datasheet
267Kb / 3P
MCX Jack Connector Crimp/Solder Attachment For RG178, RG196
PE44301 PASTERNACK-PE44301 Datasheet
270Kb / 3P
MCX Jack Bulkhead Connector Crimp/Solder Attachment For RG179, RG187, .177 inch D Hole
PE44302 PASTERNACK-PE44302 Datasheet
219Kb / 3P
75 Ohm MCX Jack Connector Solder Attachment Surface Mount PCB
More results

Similar Description - PE44308

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4045 PASTERNACK-PE4045 Datasheet
261Kb / 3P
SMC Plug Connector Crimp/Solder Attachment For RG174 RG316 RG188
PE44309 PASTERNACK-PE44309 Datasheet
251Kb / 2P
MC-Card Plug Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE4051 PASTERNACK-PE4051 Datasheet
285Kb / 3P
SMC Plug Right Angle Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE44371 PASTERNACK-PE44371 Datasheet
204Kb / 2P
RP MCX Plug Right Angle Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE44297 PASTERNACK-PE44297 Datasheet
207Kb / 2P
FME Plug Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE4898 PASTERNACK-PE4898 Datasheet
281Kb / 3P
MMCX Plug Right Angle Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE44249 PASTERNACK-PE44249 Datasheet
271Kb / 2P
1.0/2.3 Plug Right Angle Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE4553 PASTERNACK-PE4553 Datasheet
295Kb / 3P
MCX Plug Right Angle Connector Crimp-Solder Attachment For RG174, RG316, RG188
PE4052 PASTERNACK-PE4052 Datasheet
282Kb / 3P
SMB Plug Right Angle Connector Crimp - Solder Attachment For RG174, RG316, RG188
PE4334 PASTERNACK-PE4334 Datasheet
269Kb / 2P
SSMB Plug Right Angle Connector Crimp - Solder Attachment For RG174, RG179, RG316, RG188
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com