Electronic Components Datasheet Search
  English  ▼

X  

PE44315 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44315
Description  75 Ohm F Male Connector Crimp/Solder Attachment For RG11
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44315 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44315 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44315 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44315 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
75 Ohm F Male Connector Crimp/Solder Attachment For RG11
75 Ohm F Male Connector Crimp/Solder Attachment For RG11
Configuration
Connector
F Male
Connector Interface Type
RG11
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Electrical Specifications
Frequency Range, MHz
DC to 1,000
Impedance, Ohms
75
Maximum VSWR
1.3:1
Maximum Operating Voltage, Volts
500
Dielectric Withstanding Voltage, Vrms
1,500
Mechanical Specifications
Temperature
Operating Range, deg C
-40 to +85
Size
Length, in [mm]
1.25 [31.75]
Width/Dia., in [mm]
0.433 [11]
Weight, lbs [g]
0.151 [68.49]
Connector
Type
F Male
Contact Material and Plating
Brass, Gold
Coupling Nut Material and Plating
Brass, Nickel
Coupling Nut Plating Specification
100µ in. minimum
Hex Size, in
7/16
Torque, in-lbs [Nm]
15 [1.7]
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm F Male Connector Crimp/Solder Attachment For RG11 PE44315
PE44315
PE44315 REV


Similar Part No. - PE44315

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4431 PASTERNACK-PE4431 Datasheet
128Kb / 1P
N MALE CLAMP ATTACHMENT
PE44310 PASTERNACK-PE44310 Datasheet
207Kb / 2P
MC-Card Plug Connector Crimp-Solder Attachment For RG178, RG196
PE44311 PASTERNACK-PE44311 Datasheet
269Kb / 2P
MC-Card Plug Right Angle Connector Crimp - Solder Attachment For RG178, RG196
PE44312 PASTERNACK-PE44312 Datasheet
275Kb / 3P
75 Ohm F Male Connector Crimp/Solder Attachment For RG6
PE44313 PASTERNACK-PE44313 Datasheet
354Kb / 3P
75 Ohm F Male Connector Crimp/Solder Attachment for RG6-CATV, 3 Pieces Connector
More results

Similar Description - PE44315

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44312 PASTERNACK-PE44312 Datasheet
275Kb / 3P
75 Ohm F Male Connector Crimp/Solder Attachment For RG6
PE44163 PASTERNACK-PE44163 Datasheet
310Kb / 2P
75 Ohm TNC Male Connector Clamp/Solder Attachment For RG11, RG216
PE44164 PASTERNACK-PE44164 Datasheet
221Kb / 3P
75 Ohm TNC Male Connector Crimp/Solder Attachment For RG11
PE44319 PASTERNACK-PE44319 Datasheet
251Kb / 3P
75 Ohm F Male Connector Crimp/Solder Attachment For RG179, RG187
PE44452 PASTERNACK-PE44452 Datasheet
205Kb / 2P
75 Ohm F Male Connector Crimp/Solder Attachment For RG6-CATV
PE4509 PASTERNACK-PE4509 Datasheet
222Kb / 2P
75 Ohm N Male Connector Clamp/Solder Attachment For RG11, RG144, RG216
PE4599 PASTERNACK-PE4599 Datasheet
237Kb / 3P
75 Ohm BNC Male Connector Clamp/ Solder Attachment For RG11, RG216
PE4600 PASTERNACK-PE4600 Datasheet
257Kb / 2P
75 Ohm BNC Male Connector Crimp/Solder Attachment For RG11
PE4510 PASTERNACK-PE4510 Datasheet
264Kb / 2P
75 Ohm N Male Connector Crimp-Solder Attachment For RG11, RG144, RG216
PE44316 PASTERNACK-PE44316 Datasheet
377Kb / 3P
75 Ohm F Male Connector Crimp/Solder Attachment for RG59, RG62, RG71
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com