Electronic Components Datasheet Search
  English  ▼

X  

PE44368 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44368
Description  10-32 Female Bulkhead Connector Clamp/Solder Attachment For RG178, RG196, .295 inch D Hole
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44368 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44368 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44368 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
10-32 Female Bulkhead Connector Clamp/Solder Attachment For RG178, RG196, .295 inch D Hole
Configuration
Connector
10-32 Female
Connector Interface Type
RG178,RG196
Cable Attachment Method (Shield/Contact)
Clamp/Solder
Body Style
Straight
Mount Method
Bulkhead
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
0.72 [18.29]
Width/Dia., in [mm]
0.438 [11.13]
.
Weight, lbs [g]
0.016 [7.26]
Connector
Type
10-32 Female
Contact Material and Plating
Gold
Body Material and Plating
Brass, Nickel
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
10-32 Female Bulkhead Connector Clamp/Solder Attachment For RG178, RG196, .295 inch D Hole from Pasternack
Enterprises has same day shipment for domestic and International orders. Our RF, microwave and fiber optic products
maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 10-32 Female Bulkhead Connector Clamp/Solder Attachment For RG178, RG196, .295 inch D
Hole PE44368
URL: http://www.pasternack.com/10-32-female-standard-rg178-rg196-connector-pe44368-p.aspx
PE44368
PE44368 REV
10-32 Female Bulkhead Connector Clamp/Solder
Attachment For RG178, RG196, .295 inch D Hole


Similar Part No. - PE44368

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4436 PASTERNACK-PE4436 Datasheet
107Kb / 1P
N MALE CRIMP ATTACHMENT FOR RG58
PE44360 PASTERNACK-PE44360 Datasheet
595Kb / 2P
10-32 Female Right Angle Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE44361 PASTERNACK-PE44361 Datasheet
308Kb / 2P
10-32 Female Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE44362 PASTERNACK-PE44362 Datasheet
217Kb / 2P
10-32 Female Connector Crimp - Solder Attachment For RG178, RG196
PE44363 PASTERNACK-PE44363 Datasheet
306Kb / 2P
10-32 Female Connector Clamp/Solder Attachment For RG174, RG316, RG188
More results

Similar Description - PE44368

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4391 PASTERNACK-PE4391 Datasheet
91Kb / 1P
BNC FEMALE BULKHEAD CLAMP ATTACHMENT FOR RG178 & RG196
PE44366 PASTERNACK-PE44366 Datasheet
315Kb / 3P
10-32 Female Bulkhead Connector Crimp/Solder Attachment For RG178, RG196, .295 inch D Hole
PE4279 PASTERNACK-PE4279 Datasheet
226Kb / 3P
SMC JACK BULKHEAD CONNECTOR CLAMP/SOLDER ATTACHMENT FOR RG178 RG196,. 177 INCH D HOLE
PE4467 PASTERNACK-PE4467 Datasheet
92Kb / 1P
TNC FEMALE BULKHEAD CLAMP ATTACHMENT FOR RG178 &RG196
PE44367 PASTERNACK-PE44367 Datasheet
299Kb / 2P
10-32 Female Bulkhead Connector Clamp/Solder Attachment For RG174, RG316, RG188, .295 inch D Hole
PE4421 PASTERNACK-PE4421 Datasheet
285Kb / 2P
SMA Female Bulkhead Connector Clamp/Solder Attachment For RG178, RG196, .235 inch D Hole
PE4861 PASTERNACK-PE4861 Datasheet
224Kb / 3P
RP SMA Female Bulkhead Connector Clamp/Solder Attachment For RG178, RG196, .235 inch D Hole
PE44354 PASTERNACK-PE44354 Datasheet
221Kb / 3P
10-32 Male Connector Clamp - Solder Attachment For RG178, RG196
PE44362 PASTERNACK-PE44362 Datasheet
217Kb / 2P
10-32 Female Connector Crimp - Solder Attachment For RG178, RG196
PE44364 PASTERNACK-PE44364 Datasheet
227Kb / 2P
10-32 Female Connector Clamp - Solder Attachment For RG178, RG196
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com